Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 73 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 73 Page - Microchip Technology

Back Button BM83 Datasheet HTML 68Page - Microchip Technology BM83 Datasheet HTML 69Page - Microchip Technology BM83 Datasheet HTML 70Page - Microchip Technology BM83 Datasheet HTML 71Page - Microchip Technology BM83 Datasheet HTML 72Page - Microchip Technology BM83 Datasheet HTML 73Page - Microchip Technology BM83 Datasheet HTML 74Page - Microchip Technology BM83 Datasheet HTML 75Page - Microchip Technology BM83 Datasheet HTML 76Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
13.
Document Revision History
Revision
Date
Section
Description
C
07/2020
Document
Minor edits.
Introduction
Updated with minor edits
Features
• Added MSPK and AT solution
• Updated with minor edits
2. Device Overview
Updated mode of operations
11. Ordering Information
Updated part number and regulatory certification
5. Power Management Unit
Updated Figure 5-1.
8. Physical Dimensions
Updated Figure 8-2.
12. Appendix A: Regulatory
Approval
Updated certification ids for Japan, Korea and Taiwan
B
09/2019
Document
Minor edits.
2.2 BM83 Module Pin
Description
Updated descriptions of Pin# 20, 31, and 49 in Table 2-2.
5. Power Management Unit
• Removed Reviving and Pre-charging mode related
information.
• Updated Figure 5-1.
5.2 SAR ADC
• Changed the section title to SAR ADC from Battery
Voltage Monitoring and combined Ambient Detection
Section.
• Updated contents.
6. Application Information
• Reorganized sections in this chapter.
• Added 6.1 Power On/Off Sequence section.
• Updated 6.2 Reset section.
• Updated Table 6-3.
• Updated Figure 6-9 and 6.6 Host MCU Interface
Over UART.
9. Electrical Specifications
Added Table 9-5.
A
07/2019
Document
Initial Revision
BM83
Document Revision History
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com