| Electronic Components Datasheet Search |
|
BM83 Datasheet(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM83 Datasheet(HTML) 44 Page - Microchip Technology |
|
44 / 76 page ![]() ...........continued Pin Name Pin Type Description GND P Ground pin TCK_CPU I Primary programming pin pair: Serial Clock TDI_CPU I/O Primary programming pin pair: Serial Data 6.3.2.1 Serial Program Clock (TCK_CPU) TCK_CPU is the clock that controls the TAP controller update and the shifting of data through the instruction or selected data registers. TCK_CPU is independent of the processor clock, with respect to both frequency and phase. 6.3.2.2 Serial Program Data (TDI_CPU) TDI_CPU is the data input/output to the instruction or selected data registers and the control signal for the TAP controller. This signal is sampled on the falling edge of TDI_CPU for some TAP controller states. 6.4 General Purpose I/O Pins The BM83 module provides up to 18 GPIOs that can be configured by using the Config Tool. The following table provides the default I/O functions of the BM83 module. Note: The MFB pin must be configured as the power On/Off key and the remaining pins are user configurable pins. Table 6-3. GPIO Assigned Pins Function(1) Pin Name Function Assigned P0_0 External codec reset P0_1 Forward (FWD) button P0_2 Play or Pause (PLAY/PAUSE) button P0_3 Reverse (REV) button P0_5 Volume decrease (VOL_DN) button P0_6 Available for user configuration P0_7 Available for user configuration P1_2 I2C SCL (muxed with 2-wire CPU debug data) P1_3 I2C SDA (muxed with 2-wire CPU debug clock) P1_6 PWM P2_3 Available for user configuration P2_6 Available for user configuration P2_7 Volume increase (VOL_UP) button P3_2 Line-In detect P3_4 SYS_CFG (muxed with UART_RTS)(2) P3_7 UART_CTS P8_5 UART_TXD(3)(4) P8_6 UART_RXD(3)(4) MFB MFB BM83 Application Information © 2020 Microchip Technology Inc. Datasheet DS70005402C-page 44 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |