Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 68 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 68 Page - Microchip Technology

Back Button BM83 Datasheet HTML 64Page - Microchip Technology BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology BM83 Datasheet HTML 68Page - Microchip Technology BM83 Datasheet HTML 69Page - Microchip Technology BM83 Datasheet HTML 70Page - Microchip Technology BM83 Datasheet HTML 71Page - Microchip Technology BM83 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
12.2.1
Labeling and User Information Requirements
Labeling Requirements (from RSP-100 - Issue 11, Section 3): The host product shall be properly labeled to identify
the module within the host device.
The Innovation, Science and Economic Development Canada certification label of a module shall be clearly visible at
all times when installed in the host device; otherwise, the host product must be labeled to display the Innovation,
Science and Economic Development Canada certification number of the module, preceded by the word “Contains” or
similar wording expressing the same meaning, as follows:
Contains IC: 20266-BM83SM1
User Manual Notice for License-Exempt Radio Apparatus (from Section 8.4 RSS-Gen, Issue 4, November 2014):
User manuals for license-exempt radio apparatus shall contain the following or equivalent notice in a conspicuous
location in the user manual or alternatively on the device or both:
This device complies with Industry Canada's license exempt RSS standard(s). Operation is subject to the
following two conditions:
(1) This device may not cause interference, and
(2) This device must accept any interference, including interference that may cause undesired operation of
the device.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils radio exempts de
licence. L'exploitation est autorisée aux deux conditions suivantes:
(1) l'appareil ne doit pas produire de brouillage, et
(2) l'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est
susceptible d'en compromettre le fonctionnement.
Guidelines on Transmitter Antenna for License Exempt Radio Apparatus:
Under Industry Canada regulations, this radio transmitter may only operate using an antenna of a type and
maximum (or lesser) gain approved for the transmitter by Industry Canada. To reduce potential radio
interference to other users, the antenna type and its gain should be so chosen that the equivalent
isotropically radiated power (e.i.r.p.) is not more than that necessary for successful communication.
Conformément à la réglementation d'Industrie Canada, le présent émetteur radio peut fonctionner avec une
antenne d'un type et d'un gain maximal (ou inférieur) approuvé pour l'émetteur par Industrie Canada. Dans
le but de réduire les risques de brouillage radioélectrique à l'intention des autres utilisateurs, il faut choisir
le type d'antenne et son gain de sorte que la puissance isotrope rayonnée équivalente (p.i.r.e.) ne dépasse
pas l'intensité nécessaire à l'établisse-ment d'une communication satisfaisante.
Immediately following the above notice, the manufacturer shall provide a list of all antenna types approved for use
with the transmitter, indicating the maximum permissible antenna gain (in dBi) and required impedance for each.
12.2.2
RF Exposure
All transmitters regulated by Innovation, Science and Economic Development Canada (ISED) must comply with RF
exposure requirements listed in RSS-102 - Radio Frequency (RF) Exposure Compliance of Radiocommunication
Apparatus (All Frequency Bands).
This transmitter is restricted for use with a specific antenna tested in this application for certification, and must not
be co-located or operating in conjunction with any other antenna or transmitters within a host device, except in
accordance with Canada multi-transmitter product procedures.
BM83: The device operates at an output power level which is within the ISED SAR test exemption limits at any user
distance.
BM83
Appendix A: Regulatory Approval
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com