Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 67 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 67 Page - Microchip Technology

Back Button BM83 Datasheet HTML 63Page - Microchip Technology BM83 Datasheet HTML 64Page - Microchip Technology BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology BM83 Datasheet HTML 68Page - Microchip Technology BM83 Datasheet HTML 69Page - Microchip Technology BM83 Datasheet HTML 70Page - Microchip Technology BM83 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
Contains Transmitter Module FCC ID: 2ADHKBM83SM1
or
Contains FCC ID: 2ADHKBM83SM1
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions:
(1) this device may not cause harmful interference, and (2) this device must accept any interference
received, including interference that may cause undesired operation.
The user's manual for the finished product should include the following statement:
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part 15
of the FCC Rules. These limits are designed to provide reasonable protection against harmful interference in a
residential installation. This equipment generates, uses and can radiate radio frequency energy, and if not installed
and used in accordance with the instructions, may cause harmful interference to radio communications. However,
there is no guarantee that interference will not occur in a particular installation. If this equipment does cause harmful
interference to radio or television reception, which can be determined by turning the equipment off and on, the user
is encouraged to try to correct the interference by one or more of the following measures:
• Reorient or relocate the receiving antenna
• Increase the separation between the equipment and receiver
• Connect the equipment into an outlet on a circuit different from that to which the receiver is connected
• Consult the dealer or an experienced radio/TV technician for help
Additional information on labeling and user information requirements for Part 15 devices can be found in KDB
Publication 784748, which is available at the FCC Office of Engineering and Technology (OET) Laboratory Division
Knowledge Database (KDB) apps.fcc.gov/oetcf/kdb/index.cfm.
12.1.2
RF Exposure
All transmitters regulated by FCC must comply with RF exposure requirements. KDB 447498 General RF Exposure
Guidance provides guidance in determining whether proposed or existing transmitting facilities, operations or
devices comply with limits for human exposure to Radio Frequency (RF) fields adopted by the Federal
Communications Commission (FCC).
From the FCC Grant: Output power listed is conducted. This grant is valid only when the module is sold to OEM
integrators and must be installed by the OEM or OEM integrators. This transmitter is restricted for use with the
specific antenna(s) tested in this application for Certification and must not be co-located or operating in conjunction
with any other antenna or transmitters within a host device, except in accordance with FCC multi-transmitter product
procedures.
BM83: These modules are approved for installation into mobile or/and portable host platforms.
12.1.3
Helpful Web Sites
• Federal Communications Commission (FCC): www.fcc.gov.
• FCC Office of Engineering and Technology (OET) Laboratory Division Knowledge Database (KDB) apps.fcc.gov/
oetcf/kdb/index.cfm.
12.2
Canada
The BM83 module has been certified for use in Canada under Innovation, Science, and Economic Development
Canada (ISED, formerly Industry Canada) Radio Standards Procedure (RSP) RSP-100, Radio Standards
Specification (RSS) RSS-Gen and RSS-247. Modular approval permits the installation of a module in a host device
without the need to recertify the device.
BM83
Appendix A: Regulatory Approval
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com