Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 15 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 15 Page - Microchip Technology

Back Button BM83 Datasheet HTML 11Page - Microchip Technology BM83 Datasheet HTML 12Page - Microchip Technology BM83 Datasheet HTML 13Page - Microchip Technology BM83 Datasheet HTML 14Page - Microchip Technology BM83 Datasheet HTML 15Page - Microchip Technology BM83 Datasheet HTML 16Page - Microchip Technology BM83 Datasheet HTML 17Page - Microchip Technology BM83 Datasheet HTML 18Page - Microchip Technology BM83 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
3.
Audio Subsystem
The input and output audios have different stages and each stage can be programmed to vary the gain response
characteristics. For microphone, both single-ended inputs and differential inputs are supported. To maintain a high
quality signal, a stable bias voltage source to the condenser microphone’s Field-Effect Transistor (FET) is provided.
The DC blocking capacitors can be used at both positive and negative sides of an input. Internally, this analog signal
is converted to 16-bit, 8 kHz/16 kHz/44.1 kHz/48 kHz linear PCM data.
The following figure shows the audio subsystem.
Figure 3-1. Audio Subsystem
RSTGEN
CLKGEN
CPU
DSP
DT0
ADC_SDATA
ADC_LRO
DAC
Controller
ADC
Controller
DSP registers
DMIC_CLK
DMIC1_L
DMIC1_R
digmic_mclk_out
digmic1_l_data_in
digmic1_r_data_in
Audio
DAC
Audio
ADC
VREF
reset
clk
registers
Analog Audio Codec
AOHPL
AOHPM
AOHPR
AIL
AIR
MICN1
MICP1
MICN2
MICP2
MICBIAS
3.1
Digital Signal Processor
The BM83 module integrates a high-performance DSP to provide excellent voice and audio user experience. The
advanced speech features, such as AEC and NR are inbuilt. To reduce nonlinear distortion and echo cancellation, an
BM83
Audio Subsystem
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com