Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 61 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 61 Page - Microchip Technology

Back Button BM83 Datasheet HTML 57Page - Microchip Technology BM83 Datasheet HTML 58Page - Microchip Technology BM83 Datasheet HTML 59Page - Microchip Technology BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology BM83 Datasheet HTML 63Page - Microchip Technology BM83 Datasheet HTML 64Page - Microchip Technology BM83 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
3.
The RF transmit power is calibrated during production using the MP tool and MT8852 Bluetooth test
equipment.
4.
Test condition: VCC_RF = 1.28V, temperature +25ºC.
Table 9-11. Receiver Section for BDR/EDR/Bluetooth Low Energy(1,2)
Parameter
Bluetooth
Specification
Modulation
Min.
Typ.
Max.
Unit
Sensitivity at 0.1% BER ≤-70
GFSK
—
-88
—
dBm
Sensitivity at 0.01%
BER
≤-70
π/4 DQPSK
—
-90
—
dBm
≤-70
8 DPSK
—
-84
—
dBm
Sensitivity at 0.1% BER ≤-70
Bluetooth Low
Energy
—
-92
—
dBm
1.
These parameters are characterized, but not tested on production devices.
2.
Test condition: VCC_RF = 1.28V with temperature +25ºC.
Table 9-12. BM83 System Current Consumption(1,2,3,6,7,8)
Modes
Condition
Role
Packet Type
Current (Typ.)
Unit
A2DP mode
Internal codec, iOS Master
Slave
2DH5/3DH5
12.05
mA
Internal codec, Android™
Slave
Master
3DH5
12.32
mA
Sniff mode(4)
Internal codec, Bluetooth
Low Energy disabled
Slave
DM1
548
µA
Master
2DH1/3DH1
555
µA
Internal codec, Bluetooth
Low Energy enabled
Slave
DM1
832
µA
Master
2DH1/3DH1
863
µA
SCO/eSCO
connection
Mute at both far end and
near end
Slave
2EV3
14.1
mA
Master
2EV3
13.94
mA
Inquiry Scan
Bluetooth Low Energy
disabled
─
─
1.35
mA
Bluetooth Low Energy
enabled
─
─
1.70
mA
Standby
mode
System off
Slave
─
2.81
µA
Master
─
2.85
µA
BM83
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com