Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 10 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 10 Page - Microchip Technology

Back Button BM83 Datasheet HTML 6Page - Microchip Technology BM83 Datasheet HTML 7Page - Microchip Technology BM83 Datasheet HTML 8Page - Microchip Technology BM83 Datasheet HTML 9Page - Microchip Technology BM83 Datasheet HTML 10Page - Microchip Technology BM83 Datasheet HTML 11Page - Microchip Technology BM83 Datasheet HTML 12Page - Microchip Technology BM83 Datasheet HTML 13Page - Microchip Technology BM83 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
The following table provides the features of the BM83 module.
Table 2-1. BM83 Module Features
Features
BM83SM1
SoC
IS2083BM
Pin Count
50
Dimension
32 mm x 15 mm
RF
PCB Antenna
Yes
TX Power (typical)
+11 dBm (Class1) and +1 dBm (Class2)
RX Sensitivity
-90 dBm (2 Mbps EDR)
Bluetooth Power Class
Class 1 and Class 2
RF Shield
Yes
Audio
Audio DAC Output
2-channel
DAC (Single-ended) SNR
-95 dB
DAC (Capless) SNR
-95 dB
ADC SNR
-90 dB
I2S Audio (Input/Output) with Master Clock (MCLK) Output
Yes
Analog Auxiliary In
Yes
Analog Microphone
2
Stereo Digital Microphone
1
External Audio Amp Interface
Yes
Power
Battery Input (BAT_IN)
3.8V (typ.)
DC Adapter Input (ADAP_IN)
5.0V (typ.)
Integrated BUCK Regulator
Yes
Battery Charger (350 mA charging current max)
Yes
Peripherals
UART (with HW flow control)
Yes
I2C Master
Yes
USB (full speed USB v1.1 interface)
Yes
SAR ADC
2
PWM
1
LED Driver
2
GPIOs
18
JTAG Debug Port (8051 MCU)
2-wire
BM83
Device Overview
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com