Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 60 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 60 Page - Microchip Technology

Back Button BM83 Datasheet HTML 56Page - Microchip Technology BM83 Datasheet HTML 57Page - Microchip Technology BM83 Datasheet HTML 58Page - Microchip Technology BM83 Datasheet HTML 59Page - Microchip Technology BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology BM83 Datasheet HTML 63Page - Microchip Technology BM83 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
...........continued
Parameter (Condition)
Min.
Typ.
Max.
Unit
Digital gain
-54
—
4.85
dB
Digital gain resolution
—
2 to 6
—
dB
Analog gain
-28
—
3
dB
Analog gain resolution
—
1
—
dB
Output voltage full-scale swing (AVDD = 1.8V)
495
742.5
—
mV/rms
Maximum output power (16Ω load)
—
34.5
—
mW
Maximum output power (32Ω load)
—
17.2
—
mW
Allowed load
Resistive
16
—
—
Ω
Capacitive
—
—
500
pF
THD Ratio (3)
0.15
0.02
0.05
%
THD Ratio (3)
-75
-70
-65
dB
THD+N Ratio (3)
0.03
0.04
0.05
%
THD+N Ratio (3)
-72
-70
-65
dB
SNR ratio (at 16Ω load) (4)
—
95
—
dB
1.
These parameters are characterized, but not tested on production devices.
2.
T = 25°C, VDD = 1.8V, 1 kHz sine wave input, bandwidth = 20 Hz to 20 kHz.
3.
fin=1 kHz sine tone, analog gain = -3dB, digital gain = 0dB, bandwidth = 22K, A-weighting applied, sweep
across -100 dBv to 6 dBv level, with various loads (16Ω, 32Ω, 100 kΩ)
4.
fin = 1 kHz, bandwidth = 20 Hz to 20 kHz, A-weighted, -1 dBFS signal, load =16Ω.
5.
Measurements performed on the BM83 EVB platform.
Table 9-9. Transmitter Section Class 1 (MPA Configuration) for BDR and EDR(1,4)
Parameter(2,3)
Bluetooth Specification
Min.
Typ.
Max.
Unit
Transmit power BDR
0 to 20
—
10.4
—
dBm
Transmit power EDR 2M
0 to 20
—
9.2
—
dBm
Transmit power EDR 3M
0 to 20
—
9.2
—
dBm
1.
These parameters are characterized, but not tested on production devices.
2.
The RF transmit power is the average power measured for the mid-channel (Channel 39).
3.
The RF transmit power is calibrated during production using the MP tool and MT8852 Bluetooth test
equipment.
4.
Test condition: VCC_RF = 1.28V, temperature +25ºC.
Table 9-10. Transmitter Section Class 2 (LPA Configuration) for BDR and EDR (1,4)
Parameter(2,3)
Bluetooth Specification
Min.
Typ.
Max.
Unit
Transmit power BDR
-6 to 4
—
2
—
dBm
Transmit power EDR 2M
-6 to 4
—
0.5
—
dBm
Transmit power EDR 3M
-6 to 4
—
0.5
—
dBm
1.
These parameters are characterized, but not tested on production devices.
2.
The RF transmit power is the average power measured for the mid-channel (Channel 39).
BM83
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com