Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 4 Page - Texas Instruments

  OPA445 Datasheet HTML 1Page - Texas Instruments OPA445 Datasheet HTML 2Page - Texas Instruments OPA445 Datasheet HTML 3Page - Texas Instruments OPA445 Datasheet HTML 4Page - Texas Instruments OPA445 Datasheet HTML 5Page - Texas Instruments OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
www.ti.com
OPA454
SBOS391 – DECEMBER 2007
ELECTRICAL CHARACTERISTICS: VS = ±50V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TP = +25°C, RL = 4.8kΩ to mid-supply, VCM = VOUT = mid-supply, unless otherwise noted.
OPA454
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE(5)
Gain-Bandwidth Product
GBW
Small-Signal
2.5
MHz
Slew Rate
SR
G = ±1, VO = 80V Step, RL = 3.27kΩ
13
V/
µs
Full-Power Bandwidth(6)
35
kHz
Settling Time: ±0.1%(7)
G = ±1, VO = 20V Step
3
µs
Settling Time: ±0.01%(7)
G = ±5 or ±10, VO = 80V Step
10
µs
VS = +40.6V/–39.6V, G = ±1,
Total Harmonic Distortion + Noise(8)
THD+N
0.0008
%
f = 1kHz, VO = 77.2VPP
OUTPUT
Voltage Output Swing From Rail(9)
VO
RL = 49kΩ, AOL ≥ 100dB, IO = 1mA
(V–) + 1
(V+) – 1
V
RL = 4.8kΩ, AOL ≥ 100dB, IO = 10mA
(V–) + 1
(V+) – 2
V
RL = 1880Ω, AOL ≥ 80dB, IO = 26mA
(V–) + 2
(V+) – 3
V
Continuous Current Output, dc
Depends on Circuit Conditions
See Figure 6
Maximum Peak Current Output, Current
IO
+120/–150
mA
Limit(10)
Over Temperature
+140/–170
mA
Capacitive Load Drive(5)
CLOAD
200
pF
Open-Loop Output Impedance
RO
See Figure 5
Ω
Output Disabled
Output Capacitance
18
pF
Feedthrough Capacitance(11)
150
fF
STATUS FLAG PIN (Referenced to E/D Com)(12)
Status Flag Delay
Enable
→ Disable
6
µs
Disable
→ Enable
4
µs
Over-Current Delay(13)
15
µs
Over-Current Recovery Delay(13)
10
µs
Junction Temperature
TJ
Alarm (status flag high)
+150
°C
Return to Normal Operation (status flag low)
+130
°C
Output Voltage(5)
Normal Operation
E/D Com + 2
V
RL = 100Ω During Thermal Overdrive,
(V+) – 2.5
V
Alarm
(5)
See Typical Characteristic curves.
(6)
See typical characteristic curve, Maximum Output Voltage vs Frequency (Figure 12).
(7)
See the Applications Information section, Settling Time.
(8)
Supplies reduced to allow closer swing to rails due to test equipment limitations. See typical characteristic curve Total Harmonic
Distortion + Noise vs Temperature (Figure 30 and Figure 31) for additional power levels.
(9)
See typical characteristic curve, Output Voltage Swing vs Output Current (Figure 11).
(10) Measured using low-frequency (<10Hz) ±49V square wave. See typical characteristic curve, Current Limit vs Temperature (Figure 24).
(11) Measured using Figure 1.
(12) 100k
Ω pull-up resistor to (V+). E/D common to (V–). Status flag indicates an over temperature or over-current condition.
(13) See Typical Characteristic curves for current limit behavior.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com