Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments OPA445 Datasheet HTML 10Page - Texas Instruments OPA445 Datasheet HTML 11Page - Texas Instruments OPA445 Datasheet HTML 12Page - Texas Instruments OPA445 Datasheet HTML 13Page - Texas Instruments OPA445 Datasheet HTML 14Page - Texas Instruments OPA445 Datasheet HTML 15Page - Texas Instruments OPA445 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
www.ti.com
0
300
100
200
400
500
C
(pF)
LOAD
30
25
20
15
10
5
0
-5
C =0pF
F
C =2.5pF
F
C =5pF
F
T =
C
+85 C
°
T =
C
+25 C
°
T =
C
-
°
55 C
T =+125 C
°
C
10k
100k
1M
10M
Frequency(Hz)
10
8
6
4
2
0
-2
-4
-6
R =10k ,C
W
F
F =50pF
R =0W
F
C =100pF
L
C =
L
50pF
C =2
L
00pF
T =+25 C
°
A
Time(1 s/div)
m
20
15
10
5
0
-5
-10
-15
-20
0.08
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
-0.08
V
IN
V (Noninverting)
2
V (Inverting)
1
10k
100k
1M
10M
Frequency(Hz)
10
8
6
4
2
0
-2
-4
-6
C =0pF
F
C =2.5pF
F
C =5pF
F
T =+25 C
°
A
C =50pF
L
C =500pF
L
OPA454
SBOS391 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TP = +25°C, VS = ±50V, and RL = 4.8kΩ connected to GND, unless otherwise noted.
GAIN PEAKING vs CLOAD
(G = +2, RF = 10kΩ, VCM = 0V)
GAIN OF +1 vs FREQUENCY(3)
Figure 38.
Figure 39.
SETTLING TIME, POSITIVE STEP
GAIN OF +2 vs FREQUENCY(4)
(20V Step, Gain = 1, RF = 10kΩ)
(5) (6)
Figure 40.
Figure 41.
(3)
See Application section Unity-Gain Noninverting Configuration.
(4)
See Application section Unity-Gain Noninverting Configuration.
(5)
See the Settling Time section.
(6)
The grid for voltage at V1 and V2 is scaled 20mV or 0.1% per division.
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com