Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 19Page - Texas Instruments OPA445 Datasheet HTML 20Page - Texas Instruments OPA445 Datasheet HTML 21Page - Texas Instruments OPA445 Datasheet HTML 22Page - Texas Instruments OPA445 Datasheet HTML 23Page - Texas Instruments OPA445 Datasheet HTML 24Page - Texas Instruments OPA445 Datasheet HTML 25Page - Texas Instruments OPA445 Datasheet HTML 26Page - Texas Instruments OPA445 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
www.ti.com
BOTTOM-SIDE PowerPAD LAYOUT
OPA454
SBOS391 – DECEMBER 2007
area to be soldered; thus, wicking is not a
GUIDELINES
problem.
6. Connect all holes to the internal power plane of
The PowerPAD package allows for both assembly
the correct voltage potential (V–).
and thermal management in one manufacturing
operation. During the surface-mount solder operation
7. When connecting these holes to the plane, do not
(when the leads are being soldered), the thermal pad
use the typical web or spoke via connection
must be soldered to a copper area underneath the
methodology. Web connections have a high
package. Through the use of thermal paths within this
thermal resistance connection that is useful for
copper area, heat can be conducted away from the
slowing
the
heat
transfer
during
soldering
package
into
either
a
ground
plane
or
other
operations, making the soldering of vias that have
heat-dissipating device. Soldering the PowerPAD to
plane connections easier. In this application,
the PCB is always required, even with applications
however, low thermal resistance is desired for the
that have low power dissipation. Follow these steps
most efficient heat transfer. Therefore, the holes
to attach the device to the PCB:
under the OPA454 PowerPAD package should
make the connections to the internal plane with a
1. The PowerPAD must be connected to the most
complete
connection
around
the
entire
negative supply voltage on the device, V–.
circumference of the plated-through hole.
2. Prepare the PCB with a top-side etch pattern.
8. The top-side solder mask should leave the
There should be etching for the leads as well as
terminals of the package and the thermal pad
etch for the thermal pad.
area exposed. The bottom-side solder mask
3. Use of thermal vias improves heat dissipation,
should cover the holes of the thermal pad area.
but are not required. The thermal pad can
This masking prevents solder from being pulled
connect to the PCB using an area equal to the
away from the thermal pad area during the reflow
pad size with no vias, but externally connected to
process.
V–.
9. Apply solder paste to the exposed thermal pad
4. Place recommended holes in the area of the
area and all of the IC terminals.
thermal pad. Recommended thermal land size
10. With these preparatory steps in place, the
and thermal via patterns for the SO-8 DDA
PowerPAD IC is simply placed in position and run
package are shown in the thermal land pattern
through the solder reflow operation as any
mechanical drawing appended at the end of this
standard
surface-mount
component.
This
document. These holes should be 13 mils in
preparation results in a properly installed part.
diameter. Keep them small, so that solder wicking
through the holes is not a problem during reflow.
For detailed information on the PowerPAD package,
The minimum recommended number of holes for
including thermal modeling considerations and repair
the SO-8 PowerPAD package is five.
procedures, see technical brief SLMA002 PowerPAD
5. Additional vias may be placed anywhere along
Thermally-Enhanced Package, available for download
the thermal plane outside of the thermal pad
at www.ti.com.
area.
These
vias
help
dissipate
the
heat
generated by the OPA454 IC. These additional
vias may be larger than the 13-mil diameter vias
directly under the thermal pad. They can be
larger because they are not in the thermal pad
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com