Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 25Page - Texas Instruments OPA445 Datasheet HTML 26Page - Texas Instruments OPA445 Datasheet HTML 27Page - Texas Instruments OPA445 Datasheet HTML 28Page - Texas Instruments OPA445 Datasheet HTML 29Page - Texas Instruments OPA445 Datasheet HTML 30Page - Texas Instruments OPA445 Datasheet HTML 31Page - Texas Instruments OPA445 Datasheet HTML 32Page - Texas Instruments OPA445 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
www.ti.com
R
1kW
2
R
100kW
4
OPA454
+
R
1kW
3
OPA454
OPA454
+100V
OPA454
+100V
APD
R
5
100kW
LM4041D
Adjustedfor2.0V
R
9
4.9kW
R
8
198kW
R
SENSE
100W
V
1
100W
R
10
3.1kW
V
OUT
V
=100
R
´
OUT
SENSE
D
I
´
R
10kW
7
R
90kW
1
GainAdjustVoltage
2.5Vto9.5V
-200V
AdvancedPhotonix,Inc.
SD036-70-62-531
Digi-Key
SD036-70-62-531
V
LED
LED
V+
V-
A
1
+100V
V+
V-
A
2
+100V
V+
V-
A
3
+100V
V+
V-
A
4
ExampleCircuitForReverseBiasingAPD
(130Vto280V,max)
OPA454
SBOS391 – DECEMBER 2007
Figure 85. APD Gain Adjustment Using the OPA454, High-Voltage Op Amp
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com