Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 3 Page - Texas Instruments

  OPA445 Datasheet HTML 1Page - Texas Instruments OPA445 Datasheet HTML 2Page - Texas Instruments OPA445 Datasheet HTML 3Page - Texas Instruments OPA445 Datasheet HTML 4Page - Texas Instruments OPA445 Datasheet HTML 5Page - Texas Instruments OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±50V
OPA454
SBOS391 – DECEMBER 2007
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TP
(1) = +25
°C, R
L = 4.8kΩ to mid-supply, VCM = VOUT = mid-supply, unless otherwise noted.
OPA454
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
IO = 0
±0.2
±4
mV
vs Temperature(2)
dVOS/dT
±1.6
±10
µV/°C
vs Power Supply
PSRR
VS = ±4V to ±60V, VCM = 0V
25
100
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±1.4
±100
pA
vs Temperature
See Typical Characteristics
Input Offset Current
IOS
±0.2
±100
pA
NOISE
Input Voltage Noise Density, f = 10Hz
en
300
nV/
√Hz
Input Voltage Noise Density, f = 10kHz
35
nV/
√Hz
f = 0.01Hz to 10Hz
15
µV
PP
Current Noise Density, f = 1kHz
in
40
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
Linear Operation
(V–) + 2.5
See Note (3)
(V+) – 2.5
V
Common-Mode Rejection
CMRR
VS = ±50V, –25V ≤ VCM ≤ +25V
100
146
dB
VS = ±50V, –45V ≤ VCM ≤ +45V
100
147
dB
Over Temperature
VS = ±50V, –25V ≤ VCM ≤ +25V
80
88
dB
Over Temperature
VS = ±50V, –45V ≤ VCM ≤ +45V
72
82
dB
INPUT IMPEDANCE
Differential
Ω || pF
1013 || 10
Common-Mode
Ω || pF
1013 || 9
OPEN-LOOP GAIN
Open-Loop Voltage Gain(4)
AOL
(V–) + 1V < VO < (V+) – 1V,
100
130
dB
RL = 49kΩ, IO = ±1mA
(V–) + 1V < VO < (V+) – 1V,
112
dB
RL = 49kΩ, IO = ±1mA
(V–) + 1V < VO < (V+) – 2V,
100
115
dB
RL = 4.8kΩ, IO = ±10mA
(V–) + 1V < VO < (V+) – 2V,
106
dB
RL = 4.8kΩ, IO = ±10mA
(V–) + 2V < VO < (V+) – 3V,
80
102
dB
RL = 1880Ω, IO = ±25mA
(V–) + 2V < VO < (V+) – 3V,
84
dB
RL = 1880Ω, IO = ±25mA
(1)
TP is the temperature of the leadframe die pad (exposed thermal pad) of the PowerPAD package.
(2)
See typical characteristic curve, Offset Voltage Drift Production Distribution (Figure 14).
(3)
Typical range is (V–) + 1.5V to (V+) – 1.5V.
(4)
Measured using low-frequency (<10Hz) ±49V square wave. See typical characteristic curve, Current Limit vs Temperature (Figure 24).
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com