Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 14Page - Texas Instruments OPA445 Datasheet HTML 15Page - Texas Instruments OPA445 Datasheet HTML 16Page - Texas Instruments OPA445 Datasheet HTML 17Page - Texas Instruments OPA445 Datasheet HTML 18Page - Texas Instruments OPA445 Datasheet HTML 19Page - Texas Instruments OPA445 Datasheet HTML 20Page - Texas Instruments OPA445 Datasheet HTML 21Page - Texas Instruments OPA445 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
www.ti.com
INPUT RANGE
0
60
20
40
100
Time( s)
m
-46.0
-46.5
-47.0
-47.5
-48.0
-48.5
-50.5
80
-49.0
V-
V
f=1kHz
IN
V
R =50k
OUT
S
W
T =+25 C
°
A
V
R =0
OUT
S
W
-49.5
-50.0
0
60
20
40
100
Time( s)
m
50.5
50.0
49.5
49.0
48.5
48.0
47.0
80
47.5
V+
V
f=1kHz
IN
V
R =50k
OUT
S
W
T =+25 C
°
A
V
R =0
OUT
S
W
R
10kW
F
R
4.8kW
L
R
S
OPA454
V+=+50V
V = 50V
-
-
V
IN
V
OUT
OUTPUT RANGE
0
60
20
40
100
Time( s)
m
-46.0
-46.5
-47.0
-47.5
-48.0
-48.5
-50.5
80
-49.0
V-
V
f=1kHz
IN
V
R =50k
OUT
S
W
T =+25 C
°
A
V
R =0
OUT
S
W
-49.5
-50.0
OPA454
SBOS391 – DECEMBER 2007
The OPA454 is specified to give linear operation with
input swing to within 2.5V of either supply. Generally,
a gain of +1 is the most demanding configuration.
Figure 61 and Figure 62 show output behavior as the
input swings to within 0V of the rail, using the circuit
shown in Figure 64. Figure 63 shows the behavior
with an input signal that swings beyond the specified
input range to within 1V of the rail, also using the
circuit in Figure 64. Notice that the beginning of the
phase reversal effect may be reduced by inserting
series resistance (RS) in the connection to the
positive input. Note that VOUT does not swing all the
way to the opposite rail.
Figure 63. Output Voltage With Input Voltage
Down To (V–) + 1V
Figure 61. Output Voltage With Input Voltage Up
Figure 64. Input Range Test Circuit
To V+
The OPA454 is specified to swing to within 1V of
either supply rail with a 49k
Ω load while maintaining
excellent linearity. Swing to the rail decreases with
increasing output current. The OPA454 can swing to
within 2V of the negative rail and 3V of the positive
rail with a 1.88k
Ω load. The typical characteristic
curve, Output Voltage Swing vs Output Current
(Figure 11), shows this behavior in detail.
Figure 62. Output Voltage With Input Voltage
Down To V–
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com