Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 16Page - Texas Instruments OPA445 Datasheet HTML 17Page - Texas Instruments OPA445 Datasheet HTML 18Page - Texas Instruments OPA445 Datasheet HTML 19Page - Texas Instruments OPA445 Datasheet HTML 20Page - Texas Instruments OPA445 Datasheet HTML 21Page - Texas Instruments OPA445 Datasheet HTML 22Page - Texas Instruments OPA445 Datasheet HTML 23Page - Texas Instruments OPA445 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
www.ti.com
ENABLE AND E/D Com
THERMAL PROTECTION
OPA454
-IN
+IN
V-
V+
E/DCom
E/D
V
OUT
DVDD
(DigitalSupply)
5VLogic
R
P
V+
(PositiveOpAmpSupply)
V
(NegativeOpAmpSupply)
-
I
P
CURRENT LIMIT
0
800
200
400
1000
(ms)
40
20
0
-120
-20
-40
-60
-80
-100
140
120
100
-20
80
60
40
20
0
600
V
OUT
V
FLAG
100kW
10kW
E/DCom
-50V
+50V
V
FLAG
Flag
V
OUT
R
P
1MW
625W
+2.5V
10HzSquareWave
V
OUT
V+
-IN
+IN
V-
OPA454
OPA454
SBOS391 – DECEMBER 2007
avoided to maximize reliability. It is always best to
provide proper heat-sinking (either by a physical plate
or by airflow) to remain considerably below the
If left disconnected, E/D Com is pulled near V–
thermal shutdown threshold. For longest operational
(negative supply) by an internal 10
µA current source.
life of the device, keep the junction temperature
When left floating, ENABLE is held approximately 2V
below +125
°C.
above E/D Com by an internal 1
µA source. Even
though active operation of the OPA454 results when
the ENABLE and E/D Com pins are not connected, a
moderately fast, negative-going signal capacitively
Figure 68 shows the thermal shutdown behavior of a
coupled to the ENABLE pin can overpower the 1
µA
socketed OPA454 that internally dissipates 1W.
pull-up current and cause device shutdown. This
Unsoldered and in a socket,
θ
JA of the DDA package
behavior can appear
as
an
oscillation
and
is
is typically +128
°C/W. With the socket at +25°C, the
encountered first near extreme cold temperatures. If
output stage temperature rises to the shutdown
the enable function is not used, a conservative
temperature of +150
°C, which triggers automatic
approach is to connect ENABLE through a 30pF
thermal shutdown of the device. The device remains
capacitor to a low impedance source. Another
in thermal shutdown (output is in a high-impedance
alternative is the connection of an external current
state) until it cools to +130
°C where it again is
source from V+ (positive supply) sufficient to hold the
powered. This thermal protection hysteresis feature
enable level above the shutdown threshold. Figure 67
typically prevents the amplifier from leaving the safe
shows a circuit that connects ENABLE and E/D Com.
operating area, even with a direct short from the
Choosing RP to be 1MΩ with a +50V positive power
output to ground or either supply. The rail-to-rail
supply voltage results in IP = 50µA.
supply voltage at which catastrophic breakdown
occurs is typically 135V at +25
°C. However, the
absolute maximum specification is 120V, and the
OPA454 should not be allowed to exceed 120V under
any condition. Failure as a result of breakdown,
caused by spiking currents into inductive loads
(particularly with elevated supply voltage), is not
prevented by the thermal protection architecture.
Figure 67. ENABLE and E/D Com
Figure 24 and Figure 48 to Figure 50 show the
current limit behavior of the OPA454. Current limiting
is accomplished by internally limiting the drive to the
output transistors. The output can supply the limited
current continuously, unless the die temperature rises
to +150
°C, which initiates thermal shutdown. With
adequate heat-sinking, and use of the lowest possible
supply voltage, the OPA454 can remain in current
limit continuously without entering thermal shutdown.
Although qualification studies have shown minimal
parametric shifts induced by 400 hours of thermal
shutdown cycling, this mode of operation should be
Figure 68. Thermal Shutdown
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com