Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 10Page - Texas Instruments OPA445 Datasheet HTML 11Page - Texas Instruments OPA445 Datasheet HTML 12Page - Texas Instruments OPA445 Datasheet HTML 13Page - Texas Instruments OPA445 Datasheet HTML 14Page - Texas Instruments OPA445 Datasheet HTML 15Page - Texas Instruments OPA445 Datasheet HTML 16Page - Texas Instruments OPA445 Datasheet HTML 17Page - Texas Instruments OPA445 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
www.ti.com
10 s/div
m
60
50
40
30
20
10
0
-10
200
150
100
50
0
-50
-100
-150
V
FLAG
I
OUT
R =100kW
P
10 s/div
m
60
50
40
30
20
10
0
-10
150
100
50
0
-50
-100
-150
-200
V
FLAG
I
OUT
R =100kW
P
10 s/div
m
60
50
40
30
20
10
0
-10
150
100
50
0
-50
-100
-150
-200
V
FLAG
I
OUT
R =100kW
P
10 s/div
m
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-0.2
+125 C
°
+85 C
°
+25 C
°
-
°
55 C
-50V
+50V
2Hz
2msPulse
Mercury
Wetted
Relay
0.988V
PP
0.01Hz
OPA454
10 s/div
m
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
+125°C
+85°C
+25°C
-
°
55 C
-50V
+50V
2Hz
2msPulse
Mercury
Wetted
Relay
0.988V
PP
0.01Hz
OPA454
10 s/div
m
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
+125°C
+85°C
+25°C
-
°
55 C
-50V
+50V
2Hz
2msPulse
Mercury
Wetted
Relay
0.988V
PP
0.01Hz
OPA454
OPA454
SBOS391 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TP = +25°C, VS = ±50V, and RL = 4.8kΩ connected to GND, unless otherwise noted.
ILIMIT SHOWING FLAG DELAY
ILIMIT SHOWING FLAG DELAY
(TP = +125°C)
(9)
(TP = +25°C)
(10)
Figure 48.
Figure 49.
ILIMIT SHOWING FLAG DELAY
APPLY LOAD
(TP = –55°C)
(11)
(25mA Sink Response)
Figure 50.
Figure 51.
REMOVE LOAD
APPLY LOAD
(25mA Sink Response)
(25mA Source Response)
Figure 52.
Figure 53.
(9)
The OPA454 was connected to sufficient heatsinking to prevent thermal shutdown.
(10) The OPA454 was connected to sufficient heatsinking to prevent thermal shutdown.
(11) The OPA454 was connected to sufficient heatsinking to prevent thermal shutdown.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com