Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 1 Page - Texas Instruments

  OPA445 Datasheet HTML 1Page - Texas Instruments OPA445 Datasheet HTML 2Page - Texas Instruments OPA445 Datasheet HTML 3Page - Texas Instruments OPA445 Datasheet HTML 4Page - Texas Instruments OPA445 Datasheet HTML 5Page - Texas Instruments OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
OPA454
V-
V+
Status
Flag
Enable/DisableCommon
(E/DCom)
Enable/Disable(E/D)
+IN
-IN
V
O
OPA454
SBOS391 – DECEMBER 2007
High-Voltage (100V), High-Current (50mA)
OPERATIONAL AMPLIFIERS, G = 1 Stable
23
• WIDE POWER-SUPPLY RANGE:
The OPA454 is a low-cost operational amplifier with
±5V (10V) to ±50V (100V)
high voltage (100V) and relatively high current drive
(25mA).
It
is
unity-gain
stable
and
has
a
• HIGH OUTPUT LOAD DRIVE: I
O > ±50mA
gain-bandwidth product of 2.5MHz.
• WIDE OUTPUT VOLTAGE SWING: 1V to Rails
The
OPA454
is
internally
protected
against
• INDEPENDENT OUTPUT DISABLE OR
over-temperature conditions and current overloads. It
SHUTDOWN
is fully specified to perform over a wide power-supply
• WIDE TEMPERATURE RANGE: –40°C to +85°C
range of ±5V to ±50V or on a single supply of 10V to
• PACKAGES: SO and HSOP PowerPAD™
100V. The status flag is an open-drain output that
allows
it
to
be
easily
referenced
to
standard
low-voltage logic circuitry. This high-voltage op amp
provides excellent accuracy, wide output swing, and
• TEST EQUIPMENT
is free from phase inversion problems that are often
• AVALANCHE PHOTODIODE:
found in similar amplifiers.
High-V Current Sense
The output can be independently disabled using the
• PIEZOELECTRIC CELLS
Enable/Disable Pin that has its own common return
• TRANSDUCER DRIVERS
pin to allow easy interface to low-voltage logic
• SERVO DRIVERS
circuitry.
This
disable
is
accomplished
without
• AUDIO AMPLIFIERS
disturbing the input signal path, not only saving power
but also protecting the load.
• HIGH-VOLTAGE COMPLIANCE CURRENT
SOURCES
Featured in a small exposed metal pad package, the
• GENERAL HIGH-VOLTAGE
OPA454 is easy to heatsink over the extended
REGULATORS/POWER
industrial temperature range, –40
°C to +85°C.
Table 1. OPA454 RELATED PRODUCTS
PRODUCT
DESCRIPTION
OPA445 (1)
80V, 15mA
OPA452
80V, 50mA
OPA547
60V, 750mA
OPA548
60V, 3A
OPA549
60V, 9A
OPA551
60V, 200mA
OPA567
5V, 2A
OPA569
5V, 2.4A
(1)
The OPA445 is pin-compatible with the OPA445, except in
applications using the offset trim, and NC pins other than
open.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA445

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA445 TI-OPA445 Datasheet
885Kb / 25P
SBOS156B High Voltage FET-Input
OPA445 TI-OPA445 Datasheet
885Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445 TI1-OPA445 Datasheet
905Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445ADDA TI-OPA445ADDA Datasheet
885Kb / 25P
SBOS156B High Voltage FET-Input
More results

Similar Description - OPA445

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA452 TI-OPA452 Datasheet
335Kb / 17P
80V, 50mA OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
High-Voltage, High-Current Operational Amplifiers
OPA452 TI1-OPA452_13 Datasheet
924Kb / 21P
80V, 50mA OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
High-Voltage, High-Current Operational Amplifiers
3580 TI1-3580 Datasheet
2Mb / 6P
High Voltage OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com