Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 20Page - Texas Instruments OPA445 Datasheet HTML 21Page - Texas Instruments OPA445 Datasheet HTML 22Page - Texas Instruments OPA445 Datasheet HTML 23Page - Texas Instruments OPA445 Datasheet HTML 24Page - Texas Instruments OPA445 Datasheet HTML 25Page - Texas Instruments OPA445 Datasheet HTML 26Page - Texas Instruments OPA445 Datasheet HTML 27Page - Texas Instruments OPA445 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
www.ti.com
TYPICAL APPLICATIONS
OPA454
0-2mA
+95V
45.3kW
-5V
V
=0Vto+91V
OUT
0.1 F
m
0.1 F
m
ProtectsDAC
DuringSlewing
DAC8811
or
DAC7811
-IN
+IN
V-
V+
R
L
+50V
UpTo
195V
Piezo
(1)
Crystal
-50V
MASTER
R
9kW
2
R
1kW
1
V
±4V
IN
OPA454
+50V
-50V
SLAVE
R
10kW
4
R
10kW
3
OPA454
-IN
+IN
-IN
+IN
V
OUT
V
OUT
V+
V+
V-
V-
A
1
A
2
OPA454
SBOS391 – DECEMBER 2007
Figure 72 and Figure 73 illustrate the OPA454 in a programmable voltage source and a bridge circuit,
respectively.
Figure 72. Programmable Voltage Source
(1) For transducers with large capacitance, stabilization may become an issue. Be certain that the Master amplifier is stable before stabilizing
the Slave amplifier.
Figure 73. Bridge Circuit Doubles Voltage for Exciting Piezo Crystals
24
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com