Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 18Page - Texas Instruments OPA445 Datasheet HTML 19Page - Texas Instruments OPA445 Datasheet HTML 20Page - Texas Instruments OPA445 Datasheet HTML 21Page - Texas Instruments OPA445 Datasheet HTML 22Page - Texas Instruments OPA445 Datasheet HTML 23Page - Texas Instruments OPA445 Datasheet HTML 24Page - Texas Instruments OPA445 Datasheet HTML 25Page - Texas Instruments OPA445 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
www.ti.com
PowerPAD THERMALLY-ENHANCED
BOTTOM-SIDE PowerPAD PACKAGE
TOP-SIDE PowerPAD PACKAGE
MoldCompound(Plastic)
LeadframeDiePad
ExposedatBaseofthePackage
(CopperAlloy)
Leadframe(CopperAlloy)
IC(Silicon)
DieAttach(Epoxy)
a)SO-8PowerPADcross-sectionview.
b)HSOP-20PowerPADcross-sectionview.
Board
ExternalHeatspreader
PowerTransistor
Chip
DiePad
Die
Attach
Thermal
Paste
OPA454
SBOS391 – DECEMBER 2007
PACKAGES
The OPA454 SO-8 PowerPAD is a standard-size
The
OPA454
comes
in
SO-8
and
HSOP-20
SO-8
package
constructed
using
a
downset
PowerPAD versions that provide an extremely low
leadframe upon which the die is mounted, as
thermal resistance (
θ
JC) path between the die and the
Figure 71a shows. This arrangement results in the
exterior of the package. These packages feature an
lead frame being exposed as a thermal pad on the
exposed thermal pad. This thermal pad has direct
underside of the package. The thermal pad on the
thermal contact with the die; thus, excellent thermal
bottom of the IC can then be soldered directly to the
performance is achieved by providing a good thermal
PCB, using the PCB as a heatsink. In addition,
path away from the thermal pad.
plated-through holes (vias) provide a low thermal
resistance heat flow path to the back side of the PCB.
This
architecture
enhances
the
OPA454
power
dissipation capability significantly, eliminates the use
The OPA454 DWD, HSOP-20, PowerPAD package
of bulky heatsinks and slugs traditionally used in
has the exposed pad on the top side of the package,
thermal packages, and allows the OPA454 to be
as Figure 71b shows. The top-side thermal pad can
easily
mounted
using
standard
PCB
assembly
be used with commercially available heat-sinks and
techniques. NOTE: Because the SO-8 PowerPAD is
moving air to dissipate heat. The use of an external
pin-compatible with standard SO-8 packages, the
top-side heat-sink increases the effective surface
OPA454 is a drop-in replacement for operational
area of the package face, which increases convection
amplifiers
in
existing
sockets.
Soldering
the
and radiation off the top surface of the package.
bottom-side
PowerPAD
to
the
PCB
is
always
Top-side
heatsinking
also
avoids
unnecessary
required, even with applications that have low power
heating of the printed circuit board (PCB), and
dissipation. Soldering the device to the PCB provides
permits installation of other PCB components onto
the necessary thermal and mechanical connection
the side opposite of the OPA454.
between the leadframe die pad and the PCB.
Figure 71. Cross-Section Views of a PowerPAD Package
22
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com