Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 5 Page - Texas Instruments

  OPA445 Datasheet HTML 1Page - Texas Instruments OPA445 Datasheet HTML 2Page - Texas Instruments OPA445 Datasheet HTML 3Page - Texas Instruments OPA445 Datasheet HTML 4Page - Texas Instruments OPA445 Datasheet HTML 5Page - Texas Instruments OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.ti.com
R
L
50kW
100V
PP
10kHz
+50V
E/DCom
E/D
-50V
V
OUT
OPA454
SBOS391 – DECEMBER 2007
ELECTRICAL CHARACTERISTICS: VS = ±50V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TP = +25°C, RL = 4.8kΩ to mid-supply, VCM = VOUT = mid-supply, unless otherwise noted.
OPA454
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
E/D (ENABLE/DISABLE) PIN
E/D Pin, Referenced to E/D Com Pin(14)(15)
High (output enabled)
VSD
Pin Open or Forced High
E/D Com + 2.5
E/D Com + 5
V
E/D Com +
Low (output disabled)
VSD
Pin Forced Low
E/D Com
V
0.65
Output Disable Time
4
µs
Output Enable Time
3
µs
E/D COM PIN
Voltage Range
(V–)
(V+) – 5
V
POWER SUPPLY
Specified Range
VS
±50
V
Operating Voltage Range
±5
±50
V
Quiescent Current
IQ
IO = 0
3.2
4
mA
Quiescent Current in Shutdown Mode
IO = 0, VE/D = 0.65V
150
210
µA
TEMPERATURE RANGE
Specified Range
TA
–40
+85
°C
Operating Range
TA
–55
+125
°C
Thermal Resistance, Junction-to-Case(16)
SO-8 PowerPAD(17)
θ
JC
10
°C/W
HSOP-20
10
°C/W
Thermal Resistance, Junction-to-Ambient
θ
JA
SO-8 PowerPAD(17)
24/52
°C/W
HSOP-20(18)
65
°C/W
(14) See typical characteristic curve, IENABLE vs VENABLE (Figure 46).
(15) High enables the outputs.
(16) TP is the temperature of the leadframe die pad (exposed thermal pad) of the PowerPAD package.
(17) Lower value is for land area of 1-inch
× 1-inch, 2-oz copper. Upper value is for exposed-pad sized area of 1-oz copper.
(18) Value given is for DW-20 package, similar to the DWD package, but without an exposed pad. Actual
θ
JA may approach θJC by selection
of external heatsink and airflow.
Figure 1. Feedthrough Capacitance Circuit
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com