Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 13Page - Texas Instruments OPA445 Datasheet HTML 14Page - Texas Instruments OPA445 Datasheet HTML 15Page - Texas Instruments OPA445 Datasheet HTML 16Page - Texas Instruments OPA445 Datasheet HTML 17Page - Texas Instruments OPA445 Datasheet HTML 18Page - Texas Instruments OPA445 Datasheet HTML 19Page - Texas Instruments OPA445 Datasheet HTML 20Page - Texas Instruments OPA445 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
www.ti.com
INCREASING OUTPUT CURRENT
R
1
R
2
OPA454
OPA454
SLAVE
MASTER
V
IN
R
(1)
10W
S
R
(1)
10W
S
R
L
A1
A2
UNITY-GAIN NONINVERTING
R
1
R
2
OPA454
PNP
TIP30C,MJL21193,
MJE15004,MJL1302A
NPN
TIP29C,MJL21194,
MJE15003,MJL3281
V
IN
+50V
-50V
V
(3)
O
OUT
L
L
=V
I R
-
R
(1)
20W
3
R
0.2W
5
R
0.2W
4
R
L
C
F
-IN
+IN
V+
V-
V
OUT
(2)
I
L
OPA454
SBOS391 – DECEMBER 2007
The OPA454 drives an output current of a few
milliamps to greater than 50mA while maintaining
good op amp
performance.
See
Figure
7
for
open-loop gain versus temperature at various output
current levels.
In applications where the 25mA output current is not
sufficient to drive the required load, the output current
can be increased by connecting two or more
OPA454s in parallel, as Figure 59 shows. Amplifier
A1 is the master amplifier and may be configured in
virtually any op amp circuit. Amplifier A2, the slave, is
configured
as
a
unity-gain
buffer.
Alternatively,
external output transistors can be used to boost
output current. The circuit in Figure 60 is capable of
supplying
output
currents
up
to
1A,
with
the
(1) RS resistors minimize the circulating current that always flows
transistors shown.
between the two devices because of VOS errors.
Figure 59. Parallel Amplifiers Increase Output
Current Capability
CONFIGURATION
When in the noninverting unity-gain configuration, the
OPA454 has more gain peaking with increasing
positive
common-mode
voltage
and
increasing
temperature. It has less gain peaking with more
negative common-mode voltage. As with all op amps,
gain peaking increases with increasing capacitive
load. A resistor and small capacitor placed in the
feedback path can reduce gain peaking and increase
stability.
(1) Provides current limit for OPA454 and allows the amplifier to drive the load when the output is between +0.7V and –0.7V.
(2) Op amp VOUT swings from +47V to –48V.
(3) VO swings from +44.1V to –45.1V at IL = 1A.
Figure 60. External Output Transistors Boost Output Current Greater Than 1A
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com