Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments OPA445 Datasheet HTML 10Page - Texas Instruments OPA445 Datasheet HTML 11Page - Texas Instruments OPA445 Datasheet HTML 12Page - Texas Instruments OPA445 Datasheet HTML 13Page - Texas Instruments OPA445 Datasheet HTML 14Page - Texas Instruments OPA445 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
www.ti.com
Time(1ms/div)
V
IN
V
OUT
G=+1
T =+60 C
C
°
C
LOAD =50pF
V
CM =+30V
R
F =10kW
Time(1ms/div)
V
IN
V
OUT
G=+1
T =+105 C
C
°
C
LOAD =50pF
V
CM =+30V
R
F =10kW
Time(2.5 s/div)
m
V
IN
V
OUT
G=+2
T =+100 C
C
°
C
=100pF
LOAD
V
=+40V
CM
R =10kW
F
Time(500ns/div)
G=+1
C
=100pF
LOAD
V
=0V
CM
R =0W
F
T =+125 C
C
°
T =+25 C
C
°
T = 55
-
°
C
C
1ms/div
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
G=+2
G=+1
R =10kW
F
C
=100pF,125 C
°
LOAD
V
=+40V
CM
0
300
100
200
400
500
C
(pF)
LOAD
180
160
140
120
100
80
60
40
20
0
R =0
F
W
R =10k
F
W
T =+125 C
°
C
T =
C
+85 C
°
T =
C
+25 C
°
T =
C
-
°
55 C
OPA454
SBOS391 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TP = +25°C, VS = ±50V, and RL = 4.8kΩ connected to GND, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
Figure 32.
Figure 33.
LARGE-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
Figure 34.
Figure 35.
GAIN PEAKING vs CLOAD
STEP RESPONSE
(G = +1, VCM = 0V)
(2)
Figure 36.
Figure 37.
(2)
See Application section Unity-Gain Noninverting Configuration.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com