Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 24Page - Texas Instruments OPA445 Datasheet HTML 25Page - Texas Instruments OPA445 Datasheet HTML 26Page - Texas Instruments OPA445 Datasheet HTML 27Page - Texas Instruments OPA445 Datasheet HTML 28Page - Texas Instruments OPA445 Datasheet HTML 29Page - Texas Instruments OPA445 Datasheet HTML 30Page - Texas Instruments OPA445 Datasheet HTML 31Page - Texas Instruments OPA445 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
www.ti.com
V
=V - V
OUT
2
1
V
1
V
2
R
25kW
3
R
25kW
4
R
25kW
2
R
25kW
1
OPA454
HIGH-COMPLIANCE VOLTAGE CURRENT
5ms/div
14
12
10
8
6
4
2
0
-2
0V
-2V
6V
V
OUT
V
LED
OPA454
V
1
V
2
Load
I
O
I =(V -
O
2
1
V )/R
R
OPA454
25kW
25kW
25kW
25kW
A
1
A
2
OPA454
SBOS391 – DECEMBER 2007
A red light emitting diode (LED) was used to generate
Figure 84.
Gain of the avalanche photodiode (APD) is adjusted
by changing the voltage across the APD. Gain starts
to increase when reverse voltage is increased beyond
130V for this API diode. Figure 85 shows this
structure.
Figure 82. High-Voltage Difference Amplifier
SOURCES
This section describes four different applications
utilizing high compliance voltage current sources with
differential inputs. Figure 69 and Figure 83 illustrate
the different applications.
Figure 84. Avalanche Photodiode Circuit
Figure 83. Differential Input Voltage-to-Current
Converter for Low IOUT
28
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com