Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 2Page - Texas Instruments OPA445 Datasheet HTML 3Page - Texas Instruments OPA445 Datasheet HTML 4Page - Texas Instruments OPA445 Datasheet HTML 5Page - Texas Instruments OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments OPA445 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.1
1
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
180
160
140
120
100
80
60
40
20
0
-20
R
LOAD =4.87kW
C
=50pF
V
=0V
LOAD
CM
Phase
Gain
-75
0
-50
-25
50
75
100
125
ExposedThermalPad Temperature( C)
°
70
65
60
55
50
45
40
25
C =200pF
L
C =30pF
L
C =100pF
L
V
=0V
CM
V
CM = -45V
V
=+45V
CM
-75
0
-50
-25
50
75
100
125
ExposedThermalPadTemperature( C)
°
3.8
3.6
3.4
3.2
3.0
2.2
2.0
25
C =30pF.100pF,and200pF
L
V
=45V
CM
V
= 45V
-
CM
V
=0V
CM
2.8
2.6
2.4
1
1k
10
100
100k
1M
10M
Frequency(Hz)
1M
100k
10k
1k
100
1
10k
10
0
5
10
15
20
25
PeakI (mA)
L
140
130
120
110
100
90
80
70
60
V
S = ±50V
V
S = ±15V
V
S = ±4V
-75
-50
-25
0
25
50
75
100
125
ExposedThermalPad Temperature( C)
°
140
130
120
110
100
90
80
70
60
50
R
=48kW
LOAD
V
= 49V(dc)
±
OUT
I
= 1mA
±
OUT
R =1.88kW
L
V
OUT =+47V, -48V(dc)
I
= 25mA
±
OUT
R =900W
L
V
, 47V(dc)
-
OUT =+45V
I
=50mAto 52mA
OUT
-
R =4.8kW
L
OUT
OUT
V
=+48V, 49V(dc)
I
=+9.9mAto 10mA
-
-
OPA454
SBOS391 – DECEMBER 2007
At TP = +25°C, VS = ±50V, and RL = 4.8kΩ connected to GND, unless otherwise noted.
OPEN-LOOP GAIN AND PHASE
vs FREQUENCY
PHASE MARGIN vs TEMPERATURE
Figure 2.
Figure 3.
UNITY-GAIN BANDWIDTH
OPEN-LOOP OUTPUT IMPEDANCE
vs TEMPERATURE
vs FREQUENCY
Figure 4.
Figure 5.
OPEN-LOOP GAIN vs PEAK-LOAD CURRENT
OPEN-LOOP GAIN vs TEMPERATURE
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com