Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 21Page - Texas Instruments OPA445 Datasheet HTML 22Page - Texas Instruments OPA445 Datasheet HTML 23Page - Texas Instruments OPA445 Datasheet HTML 24Page - Texas Instruments OPA445 Datasheet HTML 25Page - Texas Instruments OPA445 Datasheet HTML 26Page - Texas Instruments OPA445 Datasheet HTML 27Page - Texas Instruments OPA445 Datasheet HTML 28Page - Texas Instruments OPA445 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
www.ti.com
R
2
R
1
V
SIG
OPA454
V+
V-
R
4
R
5
R
2
OPA454
V-
V+
R
6
R
7
OPA454
V+
V-
V
OUT
V
OUT
2
1
2
1
=(1+2R /R )(V
V )
-
V
1
V
2
V
CM
A
1
A
2
A
3
(1)
R
2
R
1
OPA454
V+
V-
R
4
R
5
R
SHUNT
R
2
OPA454
V-
V+
R
6
R
7
OPA454
V+
V-
V
OUT
V
SUPPLY
Plus
Minus
or
Load
V
=(1+2R /R
OUT
2
1
2
1
)(V
V )
-
V
1
V
2
A
1
(1)
A
2
(1)
A
3
(2)
OPA454
SBOS391 – DECEMBER 2007
Figure
74
uses
three
OPA454s
to
create
a
high-voltage instrumentation amplifier. VCM ± VSIG
must be between (V–) + 2.5V and (V+) – 2.5V. The
maximum supply voltage equals ±50V or 100V total.
Figure 75 uses three OPA454s to measure current in
a high-side shunt application. VSUPPLY must be
greater than VCM. VCM must be between (V–) + 2.5V
and (V+) – 2.5V. Adhering to these restrictions keeps
V1 and V2 within the voltage range required for linear
operation of the OPA454. For example, if V+ = 50V
and V– = 50V, then V1 = +47.5V (maximum) and
V2 = –47.5V (minimum). The maximum supply
voltage equals ±50V, or 100V total.
See Figure 76 and Figure 79 for example circuits that
use
the
OPA454
in
an
output
voltage
boost
configurations in three and six op amp output stages,
respectively.
(1) The linear input range is limited by the output swing on the
input amplifiers, A1 and A2.
Figure 74. High-Voltage Instrumentation Amplifier
(1) To increase the linear input voltage range, configure A1 and A2 as unity-gain followers.
(2) The linear input range is limited by the output swing on the input amplifiers, A1 and A2.
Figure 75. High-Voltage Instrumentation Amplifier for Measuring High-Side Shunt
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com