Electronic Components Datasheet Search
  English  ▼

X  

TSC2014IYZGR Datasheet(PDF) 46 Page - Texas Instruments

Part # TSC2014IYZGR
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014IYZGR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TSC2014IYZGR Datasheet HTML 42Page - Texas Instruments TSC2014IYZGR Datasheet HTML 43Page - Texas Instruments TSC2014IYZGR Datasheet HTML 44Page - Texas Instruments TSC2014IYZGR Datasheet HTML 45Page - Texas Instruments TSC2014IYZGR Datasheet HTML 46Page - Texas Instruments TSC2014IYZGR Datasheet HTML 47Page - Texas Instruments TSC2014IYZGR Datasheet HTML 48Page - Texas Instruments TSC2014IYZGR Datasheet HTML 49Page - Texas Instruments TSC2014IYZGR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
46
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
A host-initiated scan (XYZ or XY) can be configured by setting the PSM bit in CFR0 to '0' and C[3:0] in Control
Byte 1 to '0000' or '0001'. For the host-initiated scan (XYZ or XY), the host must set TSC internal register C[3:0]
in Control Byte 1 to '0000' or '0001' initially after a pen touch is detected; see Conversion Controlled by TSC2014
Initiated by Host (TSMode 2) , in the Theory of Operation section. After the scan (XYZ or XY) is engaged, the
throughput of the processed sample sets is regulated by the selected batch delay timer, as long as the initial
detected touch is not interrupted.
Table 19. Touch Screen Throughput and Batch Selection Bits
BATCH DELAY SELECTION
DELAY TIME
(ms)
THROUGHPUT FOR TSC-INITIATED
OR HOST-INITIATED SCAN, XYZ OR XY
(SSPS)
BTD2
BTD1
BTD0
0
0
0
0
Normal operation throughput depends on settings.
0
0
1
1
1000
0
1
0
2
500
0
1
1
4
250
1
0
0
10
100
1
0
1
20
50
1
1
0
40
25
1
1
1
100
10
For example, if stabilization time, precharge time, and sense time are selected as 100μs, 84μs, and 96μs,
respectively, and the batch delay time is 2ms, then the scan function enters wait mode after the first processed
sample set until the 2ms of batch delay time is reached. When the scan function starts to process the second
sample set (if the screen is still touched), the batch delay restarts at 2ms (in this example). This procedure
remains regulated by 2ms until the pen touch is not detected or the scan function is stopped by a stop bit or any
reset form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com