Electronic Components Datasheet Search
  English  ▼

X  

TSC2014IYZGR Datasheet(PDF) 52 Page - Texas Instruments

Part # TSC2014IYZGR
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014IYZGR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TSC2014IYZGR Datasheet HTML 48Page - Texas Instruments TSC2014IYZGR Datasheet HTML 49Page - Texas Instruments TSC2014IYZGR Datasheet HTML 50Page - Texas Instruments TSC2014IYZGR Datasheet HTML 51Page - Texas Instruments TSC2014IYZGR Datasheet HTML 52Page - Texas Instruments TSC2014IYZGR Datasheet HTML 53Page - Texas Instruments TSC2014IYZGR Datasheet HTML 54Page - Texas Instruments TSC2014IYZGR Datasheet HTML 55Page - Texas Instruments TSC2014IYZGR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
TSC
NotAddressed
NoTouch
Detected
HostWriteto
ControlByte1D[6:3]
As DAV
WaitingforHostto
ReadAUXData
TSC
NotAddressed
Reading
AUX-Data
Register
Sample,Conversion,and
AveragingforAUXMeasurement
TSC
NotAddressed
P ogra
r
mm dfor
Non-Continuous
AUXMeasurement
e
t
COORDINATE
NoTouch
Detected
OSC
PPRO
COORDINATE
CONV
OSC
ADC
OSC
OSC
f
L
OH3
1
t
N
B
2
OH
f
f
f
f
§
· §
· §
·
˜
˜
˜
¨
¸ ¨
¸ ¨
¸
¨
¸ ¨
¸ ¨
¸
©
¹ ©
¹ ©
¹
52
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
For this design example, use the parameters shown in Table 25.
Table 25. Design Parameters
PARAMETER
VALUE
Power Supply
1.6 V
Reset
VIH ≥ 1.12
VIL ≤ 0.48
Touch Panel
4 Wire
8.2.2 Detailed Design Procedure
8.2.2.1 Auxiliary and Temperature Measurement
The TSC2014 can measure the voltage from the auxiliary input (AUX) and from the internal temperature sensor.
Applications for the AUX can include external temperature sensing, ambient light monitoring for controlling
backlighting, or sensing the current drawn from batteries. There are two converter functions that can be used for
the measurement of the AUX:
1. Non-continuous AUX measurement shown in Figure 46 (converter function select bits C[3:0] = Control Byte 1
D[6:3] = 0101); or
2. Continuous AUX Measurement shown in Figure 47 (converter function select bits C[3:0] = Control Byte 1
D[6:3] = 1000).
See Table 9 for more information on the converter function select bits.
There are also two converter functions for the measurement of the internal temperature sensor:
1. TEMP1 measurement (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0110); or
2. TEMP2 measurement (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0111).
See Table 9 for more information on the converter function select bits.
For the detailed calculation of the internal temperature sensor, see the Internal Temperature Sensor section.
These two converter functions have the same timing as the non-continuous AUX measurement operation as
shown in Figure 46; therefore, Equation 12 can also be used for internal temperature sensor measurement. The
time needed to make a non-continuous auxiliary measurement or an internal temperature sensor measurement is
given by:
(12)
Where:
OH3 = overhead time #3 = 3.5 internal clock cycles.
Figure 46. Non-Touch Screen, Non-Continuous AUX Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com