Electronic Components Datasheet Search
  English  ▼

X  

TSC2014IYZGR Datasheet(PDF) 51 Page - Texas Instruments

Part # TSC2014IYZGR
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014IYZGR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TSC2014IYZGR Datasheet HTML 47Page - Texas Instruments TSC2014IYZGR Datasheet HTML 48Page - Texas Instruments TSC2014IYZGR Datasheet HTML 49Page - Texas Instruments TSC2014IYZGR Datasheet HTML 50Page - Texas Instruments TSC2014IYZGR Datasheet HTML 51Page - Texas Instruments TSC2014IYZGR Datasheet HTML 52Page - Texas Instruments TSC2014IYZGR Datasheet HTML 53Page - Texas Instruments TSC2014IYZGR Datasheet HTML 54Page - Texas Instruments TSC2014IYZGR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
X+
Y+
X-
Y-
Auxiliary Input
GND
TSC2014
GND
1 F
m
0.1 F
m
Touch
Screen
SDA
SCL
Host
Processor
PENIRQ
SDA
SCL
1.2kW
1.2kW
1.6VDC
GPIO
GPIO
RESET
Copyright © 2016, Texas Instruments Incorporated
51
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Communication with the TSC2014 is done via an I2C serial interface. The TSC2014 is an I2C slave device;
therefore, data are shifted into or out of the TSC2014 under the control of the host microprocessor, which also
provides the serial data clock.
Control of the TSC2014 and its functions is accomplished by writing to different registers in the TSC2014. A
simple command protocol (compatible with I2C) is used to address these registers. This protocol can be an I2C
write-addressing followed by multiple control bytes, or multiple combinations of control/data bytes to be written
into different registers (two bytes each). Reading from registers is performed by writing an I2C read-addressing to
the TSC, followed by one or multiple sequential reads from the registers.
The address of the register to be read can be written in TSC Control Byte 0 with the register address and read-
bit (as described in the previous paragraph), and serves as a pointer to the register map where the first read
starts. This designated register address is static; there is no need to write a register address again unless it is
overwritten by a new register address, or if the TSC is reset (by a software reset or by the RESET pin).
The measurement result is placed in the TSC2014 registers and may be read by the host at any time. This
preprocessing frees up the host so that resources can be redirected for more critical tasks. Two optional signals
are also available from the TSC2014 to indicate that data are available for the host to read. PINTDAV is a
programmable interrupt/status output pin. When PINTDAV is programmed as a DAV output, it indicates that an
A/D conversion has completed and that data are available. When this pin is programmed as a PENIRQ output, it
indicates that a touch has been detected on the touch screen. The status register of the TSC2014 provides an
extended status reading including the state of DAV and PENIRQ without the cost of any dedicated pin. Figure 45
shows a typical application of the TSC2014.
8.2 Typical Application
Figure 45. Typical Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com