Electronic Components Datasheet Search
  English  ▼

X  

TSC2014IYZGR Datasheet(PDF) 47 Page - Texas Instruments

Part # TSC2014IYZGR
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014IYZGR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TSC2014IYZGR Datasheet HTML 43Page - Texas Instruments TSC2014IYZGR Datasheet HTML 44Page - Texas Instruments TSC2014IYZGR Datasheet HTML 45Page - Texas Instruments TSC2014IYZGR Datasheet HTML 46Page - Texas Instruments TSC2014IYZGR Datasheet HTML 47Page - Texas Instruments TSC2014IYZGR Datasheet HTML 48Page - Texas Instruments TSC2014IYZGR Datasheet HTML 49Page - Texas Instruments TSC2014IYZGR Datasheet HTML 50Page - Texas Instruments TSC2014IYZGR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
47
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.6.5 Configuration Register 2
Configuration register 2 (CFR2) defines the preprocessor configuration.
Figure 41. Configuration Register 2 (Reset Value = 0000h)
MSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
LSB
D0
PINT
S1
PINT
S0
M1
M0
W1
W0
TZ1
TZ0
AZ1
AZ0
Resrvd
MAVE
X
MAVE
Y
MAVE
Z
MAVE
AUX
MAVE
TEMP
7.6.5.1 PINTS1 (default 0)
This bit controls the output format of the PINTDAV pin. When this bit is set to '0', the output format is shown as
the AND-form of internal signals of PENIRQ and DAV). When this bit is set to '1', PINTDAV outputs PENIRQ
only.
7.6.5.2 PINTS0 (default 0)
This bit selects what is output on the PINTDAV pin. If this bit set to '0', the output format of PINTDAV depends on
the selection made on the PINTS1 bit. If this bit set to '1', the internal signal of DAV is output on PINTDAV.
Table 20. PINTSx Selection
PINTS1
PINTS0
PINTDAV PIN OUTPUT =
0
0
AND combination of PENIRQ (active low) and DAV (active high).
0
1
Data available, DAV (active low).
1
0
Interrupt, PENIRQ (active low) generated by pen-touch.
1
1
Data available, DAV (active low).
7.6.5.3 M1, M0, W1, W0 (default 0000)
Preprocessing MAV filter control. Note that when the MAV filter is processing data, the STS bit and the
corresponding DAV bits in the status register indicate that the converter is busy until all conversions necessary
for the preprocessing are complete. The default state for these bits is 0000, which bypasses the preprocessor.
These bits are the same whether reading or writing.
7.6.5.4
TZ1 and TZ0, or AZ1 and AZ0 (default 00)
Zone detection bit definition (for TEMP or AUX measurements). TZ1 and TZ0 are for the TEMP measurement.
AZ1 and AZ0 are for the AUX measurement. The action taken in zone detection is to store the processed data in
the corresponding data registers and to update the corresponding DAV bits in status register. If the processed
data do not meet the selected criteria, these data are ignored and the corresponding DAV bits are not updated.
When zone detection is disabled, the processed data are simply stored in the corresponding data registers and
the corresponding DAV bits are updated without any comparison of criteria. Note that the converted samples are
always processed according to the setting of the MAVE bits for AUX/TEMP before zone detection takes effect.
See Table 24 for thresholds.
Table 21. Zone Detection Bit Definition
TZ1/AZ1
TZ0/AZ0
FUNCTION
0
0
Zone detection is disabled.
0
1
When the processed data are below low threshold
1
0
When the processed data are between low and high thresholds
1
1
When the processed data are above high threshold
7.6.5.5 MAVE (default is 00000)
MAV filter function enable bit. When the corresponding bit is set to '1', the MAV filter setup is applied to the
corresponding measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com