Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 103 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 103 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 316 page
background image
ST7789VI
Version 1.4
Page 103 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.8.38 Write data for 16-bit/pixel (RGB 5-6-5-bit input), 65K-Colors, 3Ah=”05h”
Note 1: Pixel data with the 16-bit color depth information
Note 2: The most significant bits are: Rx4, Gx5 and Bx4
Note 3: The least significant bits are: Rx0, Gx0 and Bx0
8.8.39 Write data for 18-bit/pixel (RGB-6-6-6-bit input), 262K-Colors, 3Ah=”06h”
R11
R12
R13
R10
G11
G12
G10
B11
B12
B13
B10
1
1
CSX
RESX
SDA
SCL
“1”
D8
D7
D6
D5
D4
D3
D2
D1
D0
D8
D7
D6
D5
D4
D3
D2
D1
D0
D8
D7
D6
D5
D4
D3
D2
D1
D0
Pixel n
R1
G1
B1
R2
G2
B2
R3
G3
B3
18 bits
Frame memory
R14
G13
G14
G15
1
B14
B15
R15
-
-
-
-
-
-
Note 1: Pixel data with the 18-bit color depth information
Note 2: The most significant bits are: Rx5, Gx5 and Bx5
Note 3: The least significant bits are: Rx0, Gx0 and Bx0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com