Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 107 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 107 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 316 page
background image
ST7789VI
Version 1.4
Page 107 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.9
RGB Interface
8.9.1
RGB interface Selection
The color format selection of RGB Interface for ST7789VI is selected by setting the RIM and command
3Ah, DB[6:4].
RIM
3Ah, DB[6:4]
RGB Interface Mode
Data pins
0
110
18-bit 262K RGB Interface
DB[17:0]
0
101
16-bit 65K RGB Interface
DB[17:13], DB[11:1]
1
110
6-bit 262K RGB Interface
DB[5:0]
1
101
6-bit 65K RGB Interface
DB[5:0]
8.9.2
RGB Color Format
ST7789VI supports two kinds of RGB interface, DE mode and HV mode, and 6bit/18bit data format.
When DE mode is selected and the VSYNC, HSYNC, DOTCLK, DE, D[17:0] pins can be used; when HV
mode is selected and the VSYNC, HSYNC, DOTCLK, D[17:0] pins can be used. When using RGB interface,
only serial interface can be selected.
16-bit RGB interface Hardware suggestion, IM[3:0]=0101.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com