Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 108 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 108 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 316 page
background image
ST7789VI
Version 1.4
Page 108 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Write data for 16-bit/pixel (RGB 5-6-5-bit input), 65K-Colors
G1, Bit 4
G1, Bit 3
G1, Bit 2
G1, Bit 1
D15
D14
D13
D12
D11
D10
D9
D8
Pixel n
Pixel n+1
16 bits
16 bits
R1
G1
B1
R2
G2
B2
R3
G3
B3
Frame memory
-
R1, Bit 4
R1, Bit 3
R1, Bit 2
D7
D6
D5
D4
D3
D2
D1
D0
B1, Bit 4
B1, Bit 3
B1, Bit 2
B1, Bit 1
G2, Bit 3
G2, Bit 2
G2, Bit 1
G2, Bit 0
R2, Bit 3
R2, Bit 2
R2, Bit 1
R2, Bit 0
B2, Bit 3
B2, Bit 2
B2, Bit 1
B2, Bit 0
G3, Bit 3
G3, Bit 2
G3, Bit 1
G3, Bit 0
R3, Bit 3
R3, Bit 2
R3, Bit 1
R3, Bit 0
B3, Bit 3
B3, Bit 2
B3, Bit 1
B3, Bit 0
G4, Bit 3
G4, Bit 2
G4, Bit 1
G4, Bit 0
R4, Bit 3
R4, Bit 2
R4, Bit 1
R4, Bit 0
B4, Bit 3
B4, Bit 2
B4, Bit 1
B4, Bit 0
Pixel n+2
Pixel n+3
D17
D16
-
R2, Bit 4
R3, Bit 4
R4, Bit 4
R1, Bit 0
G1, Bit 5
G2, Bit 5
G2, Bit 4
G3, Bit 5
G3, Bit 4
G4, Bit 5
G4, Bit 4
G1, Bit 0
B2, Bit 4
B3, Bit 4
B4, Bit 4
G5, Bit 3
G5, Bit 2
G5, Bit 1
G5, Bit 0
R5, Bit 3
R5, Bit 2
R5, Bit 1
R5, Bit 0
B5, Bit 3
B5, Bit 2
B5, Bit 1
B5, Bit 0
R5, Bit 4
G5, Bit 5
G5, Bit 4
B5, Bit 4
Pixel n+4
R1, Bit 1
-
-
-
-
B1, Bit 0
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com