Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 104 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 104 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 316 page
background image
ST7789VI
Version 1.4
Page 104 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.8.40 4-Line Serial Interface
Different display data formats are available for three colors depth supported by the LCM listed below.
4k colors, RGB 4-4-4-bit input
65k colors, RGB 5-6-5-bit input
262k colors, RGB 6-6-6-bit input
8.8.41 Write data for 12-bit/pixel (RGB 4-4-4-bit input), 4K-Colors, 3Ah=”03h”
R11
R12
R13
R10
G11
G12
G13
G10
B11
B12
B13
B10
R21
R22
R23
R20
G21
G22
G23
G20
B21
B22
B23
B20
CSX
RESX
SDA
SCL
“1”
Pixel n
Pixel n+1
Look-up table for 4096 color data mapping (12 bits to 18 bits)
12 bits
12 bits
R1
G1
B1
R2
G2
B2
R3
G3
B3
18 bits
Frame memory
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D/CX
“1”
Note 1. pixel data with the 12-bit color depth information
Note 2. The most significant bits are: Rx3, Gx3 and Bx3
Note 3. The least significant bits are: Rx0, Gx0 and Bx0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com