Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 142 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 142 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 316 page
background image
ST7789VI
Version 1.4
Page 142 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Source voltage of positive gamma level
Gamma level
Related Register
Formula
VP0
V0P[3:0]
(VAP-VBP)*(129R-V0P[3:0]R)/129R+VBP
VP1
V1P[5:0]
(VAP-VBP)*(128R-V1P[5:0]R)/129R+VBP
VP2
V2P[5:0]
(VAP-VBP)*(128R-V2P[5:0]R)/129R+VBP
VP3
J0P[1:0]
(VP2-VP4)*J0P[1:0]+VP4
VP4
V4P[4:0]
(VP2-VP20)*(57R-V4P[4:0])/60R+VP20
VP5
J0P[1:0]
(VP4-VP6)*J0P[1:0]+VP6
VP6
V6P[4:0]
(VP2-VP20)*(47R-V6P[4:0])/60R+VP20
VP7
J0P[1:0]
(VP6-VP13)*J0P[1:0]+VP13
VP8
J0P[1:0]
(VP6-VP13)*J0P[1:0]+VP13
VP9
J0P[1:0]
(VP6-VP13)*J0P[1:0]+VP13
VP10
J0P[1:0]
(VP6-VP13)*J0P[1:0]+VP13
VP11
J0P[1:0]
(VP6-VP13)*J0P[1:0]+VP13
VP12
J0P[1:0]
(VP6-VP13)*J0P[1:0]+VP13
VP13
V13P[3:0]
(VP2-VP20)*(21R-V13P[3:0])/60R+VP20
VP14
--
(VP13-VP20)/(20-13)*(20-14)+VP20
VP15
--
(VP13-VP20)/(20-13)*(20-15)+VP20
VP16
--
(VP13-VP20)/(20-13)*(20-16)+VP20
VP17
--
(VP13-VP20)/(20-13)*(20-17)+VP20
VP18
--
(VP13-VP20)/(20-13)*(20-18)+VP20
VP19
--
(VP13-VP20)/(20-13)*(20-19)+VP20
VP20
V20P[6:0]
(VAP-VBP)*(128R-V20P[6:0]R)/129R+VBP
VP21
--
(VP20-VP27)/(27-20)*(27-21)+VP27
VP22
--
(VP20-VP27)/(27-20)*(27-22)+VP27
VP23
--
(VP20-VP27)/(27-20)*(27-23)+VP27
VP24
--
(VP20-VP27)/(27-20)*(27-24)+VP27
VP25
--
(VP20-VP27)/(27-20)*(27-25)+VP27
VP26
--
(VP20-VP27)/(27-20)*(27-26)+VP27
VP27
V27P[2:0]
(VP20-VP43)*(20R-V27P[2:0])/25R+VP43
VP28
--
(VP27-VP36)/(36-27)*(36-28)+VP36
VP29
--
(VP27-VP36)/(36-27)*(36-29)+VP36
VP30
--
(VP27-VP36)/(36-27)*(36-30)+VP36
VP31
--
(VP27-VP36)/(36-27)*(36-31)+VP36
VP32
--
(VP27-VP36)/(36-27)*(36-32)+VP36
VP33
--
(VP27-VP36)/(36-27)*(36-33)+VP36
VP34
--
(VP27-VP36)/(36-27)*(36-34)+VP36
VP35
--
(VP27-VP36)/(36-27)*(36-35)+VP36
VP36
V36P[2:0]
(VP20-VP43)*(11R-V36P[2:0])/25R+VP43
VP37
--
(VP36-VP43)/(43-36)*(43-37)+VP43
VP38
--
(VP36-VP43)/(43-36)*(43-38)+VP43
VP39
--
(VP36-VP43)/(43-36)*(43-39)+VP43
VP40
--
(VP36-VP43)/(43-36)*(43-40)+VP43
VP41
--
(VP36-VP43)/(43-36)*(43-41)+VP43
VP42
--
(VP36-VP43)/(43-36)*(43-42)+VP43
VP43
V43P[6:0]
(VAP-VBP)*(128R-V43P[6:0]R)/129R+VBP
VP44
--
(VP43-VP50)/(50-43)*(50-44)+VP50
VP45
--
(VP43-VP50)/(50-43)*(50-45)+VP50
VP46
--
(VP43-VP50)/(50-43)*(50-46)+VP50
VP47
--
(VP43-VP50)/(50-43)*(50-47)+VP50
VP48
--
(VP43-VP50)/(50-43)*(50-48)+VP50
VP49
--
(VP43-VP50)/(50-43)*(50-49)+VP50
VP50
V50P[3:0]
(VP43-VP61)*(54R-V50P[3:0])/60R+VP61
VP51
J1P[1:0]
(V5P0-VP57)*J1P[1:0]+VP57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com