Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 144 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 144 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 316 page
background image
ST7789VI
Version 1.4
Page 144 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
VN38
--
(VN36-VN43)/(43-36)*(43-38)+VN43
VN39
--
(VN36-VN43)/(43-36)*(43-39)+VN43
VN40
--
(VN36-VN43)/(43-36)*(43-40)+VN43
VN41
--
(VN36-VN43)/(43-36)*(43-41)+VN43
VN42
--
(VN36-VN43)/(43-36)*(43-42)+VN43
VN43
V43N[6:0]
VBN-(VBN-VAN)*(128R-V43N[6:0]R)/129R
VN44
--
(VN43-VN50)/(50-43)*(50-44)+VN50
VN45
--
(VN43-VN50)/(50-43)*(50-45)+VN50
VN46
--
(VN43-VN50)/(50-43)*(50-46)+VN50
VN47
--
(VN43-VN50)/(50-43)*(50-47)+VN50
VN48
--
(VN43-VN50)/(50-43)*(50-48)+VN50
VN49
--
(VN43-VN50)/(50-43)*(50-49)+VN50
VN50
V50N[3:0]
(VN43-VN61)*(54R-V50N[3:0])/60R+VN61
VN51
J1N[1:0]
(V5N0-VN57)*J1N[1:0]+VN57
VN52
J1N[1:0]
(VN50-VN57)*J1N[1:0]+VN57
VN53
J1N[1:0]
(VN50-VN57)*J1N[1:0]+VN57
VN54
J1N[1:0]
(VN50-VN57)*J1N[1:0]+VN57
VN55
J1N[1:0]
(VN50-VN57)*J1N[1:0]+VN57
VN56
J1N[1:0]
(VN50-VN57)*J1N[1:0]+VN57
VN57
V57N[4:0]
(VN43-VN61)*(44R-V57N[4:0])/60R+VN61
VN58
J1N[1:0]
(VN57-VN59)*J1N[1:0]+VN59
VN59
V59N[4:0]
(VN43-VN61)*(34R-V59N[4:0])/60R+VN61
VN60
J1N[1:0]
(VN59-VN61)*J1N[1:0]+VN61
VN61
V61N[5:0]
VBN-(VBN-VAN)*(64R-V61N[5:0]R)/129R
VN62
V62N[5:0]
VBN-(VBN-VAN)*(64R-V62N[5:0]R)/129R
VN63
V63N[3:0]
VBN-(VBN-VAN)*(23R-V63N[3:0]R)/129R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com