Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 148 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 148 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 316 page
background image
ST7789VI
Version 1.4
Page 148 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.21.3 Definition of brightness transition time
Shorter transition time than 500ms.
There is some stable time between transitions. Below drawing is for transition time: 400ms.
Longer transition time than 500ms
There is no any stable time between transitions. Below drawing is for transition time: 600ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com