Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 150 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 150 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 316 page
background image
ST7789VI
Version 1.4
Page 150 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.22 Content Adaptive Brightness Control (CABC)
8.22.1 Definition of CABC
A Content Adaptive Brightness Control function can be used to reduce the power consumption of the
luminance source. Content adaptation means that content gray level scale can be increased while
simultaneously lowering brightness of the backlight to achieve same perceived brightness. The adjusted gray
level scale and thus the power consumption reduction
Definition of Modes and target power reduction ratio:
Off mode: Content Adaptive Brightness Control functionality is totally off.
UI [User interface] image mode: Optimized for UI image. It is kept image quality as much as possible. Target
power consumption reduction ratio: 10% or less.
Still picture mode: Optimized for still picture. Some image quality degradation would be acceptable. Target power
consumption reduction ratio: more than 30%.
Moving image mode: Optimized for moving image. It is focused on the biggest power reduction with image
quality degradation. Target power consumption reduction ratio: more than 30%.
Note 1: Updating partial area of the image data should be supported by CABC functionality.
Note 2: Processing power consumption of CABC should be minimized.
Note 3: Customer need program OTP GAMMA when using CABC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com