Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 153 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 153 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 316 page
background image
ST7789VI
Version 1.4
Page 153 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Combine Display brightness
Green line in the following graph is for the output brightness of display. It is combined with both display
brightness, which are defined in the above graphs.
Maximum transition time is transition time A+B.
Brightness level calculates with the following formula.
Display Output brightness = Manual Brightness setting * CABC brightness ratio
Manual Brightness setting
Brightness ratio [CABC]
Display Output brightness
Case 1
85%
80%
68%
Case 2
60%
70%
42%
Case 3
85%
90%
76.5%
Transition time from the current brightness to target brightness is A+B in the worst case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com