Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 157 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 157 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 316 page
background image
ST7789VI
Version 1.4
Page 157 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Instruction
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
1
1
↑
-
TEON
TEM
0
0
0
0
0
0
-
RDDSDR
0
↑
1
-
0
0
0
0
1
1
1
1
(0Fh)
Read display
self-diagnostic
result
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
D7
D6
0
0
0
0
0
0
-
SLPIN
0
↑
1
-
0
0
0
1
0
0
0
0
(10h)
Sleep in
SLPOUT
0
↑
1
-
0
0
0
1
0
0
0
1
(11h)
Sleep out
PTLON
0
↑
1
-
0
0
0
1
0
0
1
0
(12h)
Partial mode on
NORON
0
↑
1
-
0
0
0
1
0
0
1
1
(13h)
Partial off
(Normal)
INVOFF
0
↑
1
-
0
0
1
0
0
0
0
0
(20h)
Display inversion
off
INVON
0
↑
1
-
0
0
1
0
0
0
0
1
(21h)
Display inversion
on
GAMSET
0
↑
1
-
0
0
1
0
0
0
0
1
(26h) Display inversion
on
1
↑
1
-
0
0
0
0
GC3
GC2
GC1
GC0
DISPOFF
0
↑
1
-
0
0
1
0
1
0
0
0
(28h)
Display off
DISPON
0
↑
1
-
0
0
1
0
1
0
0
1
(29h)
Display on
CASET
0
↑
1
-
0
0
1
0
1
0
1
0
(2Ah)
Column address
set
1
↑
1
-
XS15
XS14
XS13
XS12
XS11
XS10
XS9
XS8
X address start:
0
XS
X
≦
≦
1
↑
1
XS7
XS6
XS5
XS4
XS3
XS2
XS1
XS0
1
↑
1
XE15
XE14
XE13
XE12
XE11
XE10
XE9
XE8
X address start:
S
XE
X
≦
≦
1
↑
1
XE7
XE6
XE5
XE4
XE3
XE2
XE1
XE0
RASET
0
↑
1
-
0
0
1
0
1
0
1
1
(2Bh) Row address set
1
↑
1
-
YS15
YS14
YS13
YS12
YS11
YS10
YS9
YS8
Y address start:
0
YS
Y
≦
≦
1
↑
1
YS7
YS6
YS5
YS4
YS3
YS2
YS1
YS0
1
↑
1
YE15
YE14
YE13
YE12
YE11
YE10
YE9
YE8
Y address start:
S
YE
Y
≦
≦
1
↑
1
YE7
YE6
YE5
YE4
YE3
YE2
YE1
YE0
RAMWR
0
↑
1
-
0
0
1
0
1
1
0
0
(2Ch)
Memory write
1
↑
1
D1[17:8]
D1[7]
D1[6]
D1[5]
D1[4]
D1[3]
D1[2]
D1[1]
D1[0]
Write data
1
↑
1
Dx[17:8]
Dx[7]
Dx[6]
Dx[5]
Dx[4]
Dx[3]
Dx[2]
Dx[1]
Dx[0]
1
↑
1
Dn[17:8]
Dn[7]
Dn[6]
Dn[5]
Dn[4]
Dn[3]
Dn[2]
Dn[1]
Dn[0]
RAMRD
0
↑
1
-
0
0
1
0
1
1
1
0
(2Eh)
Memory read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com