Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 158 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 158 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 316 page
background image
ST7789VI
Version 1.4
Page 158 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Instruction
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
D1[17:8]
D1[7]
D1[6]
D1[5]
D1[4]
D1[3]
D1[2]
D1[1]
D1[0]
Read data
1
1
↑
Dx[17:8]
Dx[7]
Dx[6]
Dx[5]
Dx[4]
Dx[3]
Dx[2]
Dx[1]
Dx[0]
1
1
↑
Dn[17:8]
Dn[7]
Dn[6]
Dn[5]
Dn[4]
Dn[3]
Dn[2]
Dn[1]
Dn[0]
PTLAR
0
↑
1
-
0
0
1
1
0
0
0
0
(30h)
Partial sart/end
address set
1
↑
1
-
PSL15
PSL14
PSL13
PSL12
PSL11
PSL10
PSL9
PSL8
Partial start
address: (0,
1,2, ..P)
1
↑
1
-
PSL7
PSL6
PSL5
PSL4
PSL3
PSL2
PSL1
PSL0
1
↑
1
-
PEL15
PEL14
PEL13
PEL12
PEL11
PEL10
PEL9
PEL8
Partial end
address (0, 1,2,
3, , P)
1
↑
1
-
PEL7
PEL6
PEL5
PEL4
PEL3
PEL2
PEL1
PEL0
VSCRDEF
0
↑
1
-
0
0
1
1
0
0
1
1
(33h)
Vertical scrolling
definition
1
↑
1
-
TFA15
TFA14
TFA13
TFA12
TFA11
TFA10
TFA9
TFA8
1
↑
1
-
TFA7
TFA6
TFA5
TFA4
TFA3
TFA2
TFA1
TFA0
1
↑
1
-
VSA15
VSA14
VSA13
VSA12
VSA11
VSA10
VSA9
VSA8
1
↑
1
-
VSA7
VSA6
VSA5
VSA4
VSA3
VSA2
VSA1
VSA0
1
↑
1
-
BFA15
BFA14
BFA13
BFA12
BFA11
BFA10
BFA9
BFA8
1
↑
1
-
BFA7
BFA6
BFA5
BFA4
BFA3
BFA2
BFA1
BFA0
TEOFF
0
↑
1
-
0
0
1
1
0
1
0
0
(34h)
Tearing effect
line off
TEON
0
↑
1
-
0
0
1
1
0
1
0
1
(35h)
Tearing effect
line on
1
↑
1
-
-
-
-
-
-
-
-
TEM
MADCTL
0
↑
1
-
0
0
1
1
0
1
1
0
(36h)
Memory data
access control
1
↑
1
-
MY
MX
MV
ML
RGB
0
0
0
-
VSCRSADD
0
↑
1
-
0
0
1
1
0
1
1
1
(37h)
Vertical scrolling
start address
1
↑
1
-
VSP15
VSP14
VSP13
VSP12
VSP11
VSP10
VSP9
VSP8
1
↑
1
-
VSP7
VSP6
VSP5
VSP4
VSP3
VSP2
VSP1
VSP0
IDMOFF
0
↑
1
-
0
0
1
1
1
0
0
0
(38h)
Idle mode off
IDMON
0
↑
1
-
0
0
1
1
1
0
0
1
(39h)
Idle mode on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com