Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 155 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 155 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 316 page
background image
ST7789VI
Version 1.4
Page 155 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
CABC minimum brightness value = 51 (33h: 20% display brightness)
Display Brightness
[manual setting]
Brightness ratio
[CABC]
Calculation result of
the display
brightness formula
Display Output
Brightness
Image
Case 1
50%
70%
35%
35%
CABC modified
Case 2
20%
70%
14%
20%
CABC modified
Case 3
50%
70%
35%
35%
CABC modified
At the case 2, the calculation result of the display brightness is 14%. CABC minimum brightness value is
set to 20% brightness. Actual display brightness is 20% as the CABC minimum brightness setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com