Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 154 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 154 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 316 page
background image
ST7789VI
Version 1.4
Page 154 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.22.2 Minimum brightness setting of CABC function
CABC function is automatically reduced backlight brightness based on image contents. In the case of the
combination with the LABC or manual brightness setting, display brightness is too dark. It must affect to
image quality degradation. CABC minimum brightness setting is to avoid too much brightness reduction.
When CABC is active, CABC can not reduce the display brightness to less than CABC minimum brightness
setting. If CABC algorithm works without any abnormal visual effect, image processing function can operate
even when the brightness can not be changed.
This function does not affect to the other function, manual brightness setting. Manual brightness can be
set the display brightness to less than CABC minimum brightness. Smooth transition and dimming function
can be worked as normal.
When display brightness is turned off (BCTRL=0 of “9.1.39 Write CTRL Display (53h)”), CABC minimum
brightness setting is ignored. “9.1.44 Read CABC minimum brightness (5Fh)” always read the setting value of
“9.1.43 Write CABC minimum brightness (5Eh)”.
WRCABC (55h)
Function
RDCABCMB (5Fh)
Image
Sleep-in
NA
WRCABCMB (5Eh)
CABC off
00b
Disable
WRCABCMB (5Eh)
Original
CABC on
01b/10b/11b
Enable
WRCABCMB (5Eh)
CABC modified
Brightness level calculates with the following formula.
Display Output Brightness = Manual brightness setting * CABC brightness ratio
Below drawing is for the explanation of the CABC minimum brightness setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com