Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 160 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 160 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 316 page
background image
ST7789VI
Version 1.4
Page 160 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Instruction
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
WRCACE
0
↑
1
-
0
1
0
1
0
1
0
1
(55h)
Write content
adaptive
brightness
control and Color
enhancemnet
1
↑
1
-
CECTRL
0
CE1
CE0
0
0
C1
C0
RDCABC
0
↑
1
-
0
1
0
1
0
1
1
0
(56h)
Read content
adaptive
brightness
control
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
0
CECTRL
0
0
0
0
C1
C0
WRCABCMB
0
↑
1
-
0
1
0
1
1
1
1
0
(5Eh)
Write CABC
minimum
brightness
1
↑
1
-
CMB7
CMB6
CMB5
CMB4
CMB3
CMB2
CMB1
CMB0
RDCABCMB
0
↑
1
-
0
1
0
1
1
1
1
1
(5Fh)
Read CABC
minimum
brightness
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
CMB7
CMB6
CMB5
CMB4
CMB3
CMB2
CMB1
CMB0
RDABCSDR
0
↑
1
-
0
1
1
0
1
0
0
0
(68h)
Read Automatic
Brightness
Control
Self-Diagnostic
Result
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
D7
D6
0
0
0
0
0
0
-
RDID1
0
↑
1
-
1
1
0
1
1
0
1
0
(DAh)
Read ID1
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
Read parameter
RDID2
0
↑
1
-
1
1
0
1
1
0
1
1
(DBh)
Read ID2
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
ID27
ID26
ID25
ID24
ID23
ID22
ID21
ID20
Read parameter
RDID3
0
↑
1
-
1
1
0
1
1
1
0
0
(DCh)
Read ID3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com