Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 143 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 143 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 316 page
background image
ST7789VI
Version 1.4
Page 143 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
VP52
J1P[1:0]
(VP50-VP57)*J1P[1:0]+VP57
VP53
J1P[1:0]
(VP50-VP57)*J1P[1:0]+VP57
VP54
J1P[1:0]
(VP50-VP57)*J1P[1:0]+VP57
VP55
J1P[1:0]
(VP50-VP57)*J1P[1:0]+VP57
VP56
J1P[1:0]
(VP50-VP57)*J1P[1:0]+VP57
VP57
V57P[4:0]
(VP43-VP61)*(44R-V57P[4:0])/60R+VP61
VP58
J1P[1:0]
(VP57-VP59)*J1P[1:0]+VP59
VP59
V59P[4:0]
(VP43-VP61)*(34R-V59P[4:0])/60R+VP61
VP60
J1P[1:0]
(VP59-VP61)*J1P[1:0]+VP61
VP61
V61P[5:0]
(VAP-VBP)*(64R-V61P[5:0]R)/129R+VBP
VP62
V62P[5:0]
(VAP-VBP)*(64R-V62P[5:0]R)/129R+VBP
VP63
V63P[3:0]
(VAP-VBP)*(23R-V63P[3:0]R)/129R+VBP
Source voltage of negative gamma level
Gamma level
Related Register
Formula
VN0
V0N[3:0]
VBN-(VBN-VAN)*(129R-V0N[3:0]R)/129R
VN1
V1N[5:0]
VBN-(VBN-VAN)*(128R-V1N[5:0]R)/129R
VN2
V2N[5:0]
VBN-(VBN-VAN)*(128R-V2N[5:0]R)/129R
VN3
J0N[1:0]
(VN2-VN4)*J0N[1:0]+VN4
VN4
V4N[4:0]
(VN2-VN20)*(57R-V4N[4:0])/60R+VN20
VN5
J0N[1:0]
(VN4-VN6)*J0N[1:0]+VN6
VN6
V6N[4:0]
(VN2-VN20)*(47R-V6N[4:0])/60R+VN20
VN7
J0N[1:0]
(VN6-VN13)*J0N[1:0]+VN13
VN8
J0N[1:0]
(VN6-VN13)*J0N[1:0]+VN13
VN9
J0N[1:0]
(VN6-VN13)*J0N[1:0]+VN13
VN10
J0N[1:0]
(VN6-VN13)*J0N[1:0]+VN13
VN11
J0N[1:0]
(VN6-VN13)*J0N[1:0]+VN13
VN12
J0N[1:0]
(VN6-VN13)*J0N[1:0]+VN13
VN13
V13N[3:0]
(VN2-VN20)*(21R-V13N[3:0])/60R+VN20
VN14
--
(VN13-VN20)/(20-13)*(20-14)+VN20
VN15
--
(VN13-VN20)/(20-13)*(20-15)+VN20
VN16
--
(VN13-VN20)/(20-13)*(20-16)+VN20
VN17
--
(VN13-VN20)/(20-13)*(20-17)+VN20
VN18
--
(VN13-VN20)/(20-13)*(20-18)+VN20
VN19
--
(VN13-VN20)/(20-13)*(20-19)+VN20
VN20
V20N[6:0]
VBN-(VBN-VAN)*(128R-V20N[6:0]R)/129R
VN21
--
(VN20-VN27)/(27-20)*(27-21)+VN27
VN22
--
(VN20-VN27)/(27-20)*(27-22)+VN27
VN23
--
(VN20-VN27)/(27-20)*(27-23)+VN27
VN24
--
(VN20-VN27)/(27-20)*(27-24)+VN27
VN25
--
(VN20-VN27)/(27-20)*(27-25)+VN27
VN26
--
(VN20-VN27)/(27-20)*(27-26)+VN27
VN27
V27N[2:0]
(VN20-VN43)*(20R-V27N[2:0])/25R+VN43
VN28
--
(VN27-VN36)/(36-27)*(36-28)+VN36
VN29
--
(VN27-VN36)/(36-27)*(36-29)+VN36
VN30
--
(VN27-VN36)/(36-27)*(36-30)+VN36
VN31
--
(VN27-VN36)/(36-27)*(36-31)+VN36
VN32
--
(VN27-VN36)/(36-27)*(36-32)+VN36
VN33
--
(VN27-VN36)/(36-27)*(36-33)+VN36
VN34
--
(VN27-VN36)/(36-27)*(36-34)+VN36
VN35
--
(VN27-VN36)/(36-27)*(36-35)+VN36
VN36
V36N[2:0]
(VN20-VN43)*(11R-V36N[2:0])/25R+VN43
VN37
--
(VN36-VN43)/(43-36)*(43-37)+VN43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com