Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM64 Datasheet HTML 13Page - Texas Instruments LM64 Datasheet HTML 14Page - Texas Instruments LM64 Datasheet HTML 15Page - Texas Instruments LM64 Datasheet HTML 16Page - Texas Instruments LM64 Datasheet HTML 17Page - Texas Instruments LM64 Datasheet HTML 18Page - Texas Instruments LM64 Datasheet HTML 19Page - Texas Instruments LM64 Datasheet HTML 20Page - Texas Instruments LM64 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Level 2 is maximum filtering.
Table 6-3. Digital Filter
Selection Table
D2
D1
Filter
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
0
5
10
15
20
25
25
30
35
40
45
50
NUMBER OF SAMPLES
No Filter
Filter Level 1
Filter Level 2
Figure 6-5. Step Response of the Digital Filter
0
5
10
15
20
25
25
30
35
40
45
50
NUMBER OF SAMPLES
No Filter
Filter Level 1
Filter Level 2
Figure 6-6. Impulse Response of the Digital Filter
25
27
29
31
33
35
37
39
41
43
45
0
50
100
150
200
SAMPLE NUMBER
LM64
with
Filter On
LM64
with
Filter Off
The Filter on and off curves were purposely offset to better show noise performance.
Figure 6-7. Digital Filter Response in an Intel Pentium 4 processor System
6.3.10 Fault Queue
The LM64 incorporates a Fault Queue to suppress erroneous ALERT triggering . The Fault Queue prevents
false triggering by requiring three consecutive out-of-limit HIGH, LOW, or T_CRIT temperature readings. See
Figure 6-8. The Fault Queue defaults to OFF upon power-up and may be activated by setting the RDTS Fault
Queue bit in the Configuration Register to a 1.
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com