Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 1 Page - Texas Instruments

  LM64 Datasheet HTML 1Page - Texas Instruments LM64 Datasheet HTML 2Page - Texas Instruments LM64 Datasheet HTML 3Page - Texas Instruments LM64 Datasheet HTML 4Page - Texas Instruments LM64 Datasheet HTML 5Page - Texas Instruments LM64 Datasheet HTML 6Page - Texas Instruments LM64 Datasheet HTML 7Page - Texas Instruments LM64 Datasheet HTML 8Page - Texas Instruments LM64 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO's
1 Features
• Accurately Senses Remote and Local Diode
Temperatures
• Integrated PWM Fan Speed Control Output
• Programmable 8-step Lookup Table for Quieting
Fans
• ALERT and T_Crit Open-drain Outputs
• Tachometer Input for Measuring Fan RPM
• 10 bit Plus Sign Remote Diode Temperature Data
Format, with 0.125°C Resolution
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• 5 General Purpose Input/Output pins
• 5 General Purpose Default input pins
• 24-pin WQFN Package
• Key Specifications:
– Remote Diode Temperature Accuracy (includes
quantization error)
• Ambient Temp
– 30°C to 50°C
– 0°C to 85°C
• Diode Temp
– 120°C to 140°C
– 25°C to 140°C
• Max Error
– ±1.0°C (max)
– ±3.0°C (max)
– Local Temp Accuracy (includes quantization
error)
• Ambient Temp 25°C to 125°C
• Max Error ±3.0°C (max)
– Power Supply Requirements
• Supply DC Voltage 3.0 V to 3.6 V
• Supply DC Current 1.1 mA (typ)
2 Applications
• Computer Processor Thermal Management
• Graphics Processor Thermal Management
• Voltage Regulator Modules
• Electronic Instrumentation
• Power Supplies
• Projectors
3 Description
The LM64 is a remote diode temperature sensor
with PWM fan control. The LM64 accurately
measures its own temperature and that of a remote
diode. The LM64 remote temperature accuracy is
factory trimmed for a MMBT3904 diode-connected
transistor with a 16°C offset for high temperatures.
TACTUAL DIODE JUNCTION = TLM64 + 16°C
The LM64 features a PWM, open-drain, fan control
output, 5 GPIO (General Purpose Input/Output) and
5 GPD (General Purpose Default) pins. The 8-step
Lookup Table allows for a non-linear fan speed vs.
temperature transfer function often used to quiet
acoustic fan noise.
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM64

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM64 NSC-LM64 Datasheet
376Kb / 29P
짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
logo
Texas Instruments
LM64 TI1-LM64 Datasheet
1Mb / 38P
Remote Diode Temperature Sensor
logo
Shanghai Leiditech Elec...
LM6401 LEIDITECH-LM6401 Datasheet
519Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
logo
List of Unclassifed Man...
LM6402A ETC1-LM6402A Datasheet
347Kb / 8P
E/D MOS LSI
logo
Sanyo Semicon Device
LM6402G SANYO-LM6402G Datasheet
644Kb / 15P
N CHANNEL E/D MOS LSI 4 BIT MICROCOMPUTER
More results

Similar Description - LM64

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM64 NSC-LM64 Datasheet
376Kb / 29P
짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
SMSC Corporation
EMC2300 SMSC-EMC2300 Datasheet
1Mb / 81P
Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Maxim Integrated Produc...
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM63 TI-LM63 Datasheet
1Mb / 41P
The LM63 is a remote diode temperature sensor with integrated fan control.
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com