Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM64 Datasheet HTML 28Page - Texas Instruments LM64 Datasheet HTML 29Page - Texas Instruments LM64 Datasheet HTML 30Page - Texas Instruments LM64 Datasheet HTML 31Page - Texas Instruments LM64 Datasheet HTML 32Page - Texas Instruments LM64 Datasheet HTML 33Page - Texas Instruments LM64 Datasheet HTML 34Page - Texas Instruments LM64 Datasheet HTML 35Page - Texas Instruments LM64 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
and air temperatures. Again, the primary thermal conduction path is through the leads, so the circuit board
surface temperature will contribute to the die temperature much more than the air temperature.
To measure the temperature external to the die use a remote diode. This diode can be located on the die of
the target IC, such as a CPU processor chip, allowing measurement of the IC’s temperature, independent of the
LM64’s temperature. The LM64 has been optimized for use with a MMBT3904 diode-connected transistor.
A discrete diode can also be used to sense the temperature of external objects or ambient air. Remember that a
discrete diode’s temperature will be affected, and often dominated by, the temperature of its leads.
Most silicon diodes do not lend themselves well to this application. It is recommended that a diode-connected
MMBT3904 transistor be used. The base of the transistor is connected to the collector and becomes the anode.
The emitter is the cathode.
8.1.3.1 Diode Non_Ideality
When a transistor is connected to a diode the following relationship holds for Vbe, T, and IF:
S
F
I
I
˜ e
¸¸
¹
·
¨¨
©
§
˜
T
be
V
V
K
1
«
«
¬
ª
»
»
¼
º
(2)
where
V
T = q
kT
(3)
• q = 1.6x10−19 Coulombs (the electron charge)
• T = Absolute Temperature in Kelvin
• k = 1.38x10−23 joules/K (Boltzmann’s constant)
• η is the non-ideality factor of the manufacturing process used to make the thermal diode
• Is = Saturation Current and is process dependent
• If = Forward Current through the base emitter junction
• Vbe = Base Emitter Voltage Drop
In the active region, the −1 term is negligible and may be eliminated, yielding the following equation
S
F
I
I
˜ e
¸¸
¹
·
¨¨
©
§
˜
T
be
V
V
K
«
«
¬
ª
»
»
¼
º
(4)
In the above equation, η and Is are dependent upon the process that was used in the fabrication of the particular
diode. By forcing two currents with a very controlled ratio (N) and measuring the resulting voltage difference, it is
possible to eliminate the Is term. Solving for the forward voltage difference yields the relationship:
N
q
kT
V
be
ln
˜
¸
¨
'
K
¸
¹
·
¨
©
§
(5)
The non-ideality factor, η, is the only other parameter not accounted for and depends on the diode that is used
for measurement. Since ΔVbe is proportional to both η and T, the variations in η cannot be distinguished from
variations in temperature. Since the temperature sensor does not control the non-ideality factor, it will directly
add to the inaccuracy of the sensor.
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com