Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM64 Datasheet HTML 3Page - Texas Instruments LM64 Datasheet HTML 4Page - Texas Instruments LM64 Datasheet HTML 5Page - Texas Instruments LM64 Datasheet HTML 6Page - Texas Instruments LM64 Datasheet HTML 7Page - Texas Instruments LM64 Datasheet HTML 8Page - Texas Instruments LM64 Datasheet HTML 9Page - Texas Instruments LM64 Datasheet HTML 10Page - Texas Instruments LM64 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
5.5 AC Electrical Characteristics
The following specifications apply for VDD = 3.0 VDC to 3.6 VDC, and all analog source impedance RS = 50Ω unless
otherwise specified in the conditions. Boldface limits apply for TA = TMIN to TMAX; all other limits TA= +25°C.
Symbol
Parameter
Conditions
Typical
(1)
Limits
(2)
Units
(Limit)
TACHOMETER ACCURACY
Fan Control Accuracy
±10
% (max)
Fan Full-Scale Count
65535
(max)
Fan Counter Clock Frequency
90
kHz
Fan Count Update Frequency
1.0
Hz
FAN PWM OUTPUT
Frequency Accuracy
±10
% (max)
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
5.6 Digital Electrical Characteristics
Symbol
Parameter
Conditions
Typical
(1)
Limits
(2)
Units
(Limit)
VIH
Logical High Input Voltage
2.1
V (min)
VIL
Logical Low Input Voltage
0.8
V (max)
IIH
Logical High Input Current
VIN = VDD
0.005
+10
µA (max)
IIL
Logical Low Input Current
VIN = GND
−0.005
−10
µA (max)
CIN
Digital Input Capacitance
20
pF
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
5.7 SMBus Logical Electrical Characteristics
The following specifications apply for VDD = 3.0 VDC to 3.6 VDC, and all analog source impedance RS = 50 Ω unless
otherwise specified in the conditions. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = +25°C.
Symbol
Parameter
Conditions
Typical
(1)
Limits
(2)
Units
(Limit)
SMBDAT OPEN-DRAIN OUTPUT
VOL
Logic Low Level Output Voltage
IOL = 4 mA
0.4
V (max)
IOH
High Level Output Current
VOUT = VDD
0.03
10
µA (max)
SMBDAT, SMBCLK INPUTS
VIH
Logical High Input Voltage
2.1
V (min)
VIL
Logical Low Input Voltage
0.8
V (max)
VHYST
Logic Input Hysteresis Voltage
400
mV
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com