Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM64 Datasheet HTML 2Page - Texas Instruments LM64 Datasheet HTML 3Page - Texas Instruments LM64 Datasheet HTML 4Page - Texas Instruments LM64 Datasheet HTML 5Page - Texas Instruments LM64 Datasheet HTML 6Page - Texas Instruments LM64 Datasheet HTML 7Page - Texas Instruments LM64 Datasheet HTML 8Page - Texas Instruments LM64 Datasheet HTML 9Page - Texas Instruments LM64 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
5.3 DC Electrical Characteristics
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
The following specifications apply for VDD = 3.0 VDC to 3.6 VDC, and all analog source impedance RS = 50 Ω unless
otherwise specified in the conditions. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = +25°C.
Parameter
Conditions
Typical
(1)
Limits
(2)
Units
(Limits)
Temperature Error using a diode-connected
MMBT3904 transistor. TD is the Remote Diode
Junction Temperature.
TD = TLM64 + 16°C
TA = +30°C to
+50°C
TD = +120°C to
+140°C
±1
°C (max)
TA = +0°C to +85°C TD = +25°C to
+140°C
±3
°C (max)
Temperature Error Using the Local Diode
TA = +25°C to +125°C (3)
±1
±3
°C (max)
Remote Diode Resolution
11
Bits
0.125
°C
Local Diode Resolution
8
Bits
1
°C
Conversion Time of All Temperatures
Fastest Setting
31.25
34.4
ms (max)
D− Source Voltage
0.7
V
Diode Source Current
(VD+ − VD−) = +0.65 V; High Current
160
315
µA (max)
110
µA (min)
Low Current
13
20
µA (max)
7
µA (min)
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of
the internal power dissipation of the LM64 and the thermal resistance. See AN-1187 (SNOA401) for the thermal resistance to be used
in the self-heating calculation.
5.4 Operating Electrical Characteristics
Parameter
Conditions
Typ
(1)
Limits
(2)
Units
ALERT, T_Crit and PWM Output Saturation Voltage
ALERT, T_Crit
PWM
IOUT
4 mA
6 mA
0.4
V (max)
IOUT
6 mA
0.55
Power-On-Reset Threshold Voltage
2.4
V (max)
1.8
V (min)
Supply Current (3)
SMBus Inactive, 16 Hz
Conversion Rate
1.1
2.0
mA (max)
STANDBY Mode
320
µA
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
The supply current will not increase substantially with an SMBus transaction.
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com