Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM64 Datasheet HTML 29Page - Texas Instruments LM64 Datasheet HTML 30Page - Texas Instruments LM64 Datasheet HTML 31Page - Texas Instruments LM64 Datasheet HTML 32Page - Texas Instruments LM64 Datasheet HTML 33Page - Texas Instruments LM64 Datasheet HTML 34Page - Texas Instruments LM64 Datasheet HTML 35Page - Texas Instruments LM64 Datasheet HTML 36Page - Texas Instruments LM64 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
For example, if a processor manufacturer specifies a ±0.1% variation in η from part to part. As an example,
assume that a temperature sensor has an accuracy specification of ±1°C at room temperature of 25°C. The
resulting accuracy will be:
TACC = ±1°C + (±0.1% of 298°K) = ±1.3°C
The additional inaccuracy in the temperature measurement caused by η, can be eliminated if each temperature
sensor is calibrated with the remote diode that it will be paired with. Refer to the processor datasheet for the
non-ideality factor.
8.1.3.2 Compensating for Diode Non-Ideality
In order to compensate for the errors introduced by non-ideality, the temperature sensor is calibrated for a
particular processor. Texas Instruments temperature sensors are always calibrated to the typical non-ideality of a
particular processor type.
The LM64 is calibrated for a MMBT3904 diode-connected transistor.
When a temperature sensor, calibrated for a specific type of processor is used with a different processor type or
a given processor type has a non-ideality that strays form the typical value, errors are introduced.
Temperature errors associated with non-ideality may be introduced in a specific temperature range of concern
through the use of the Temperature Offset Registers 11HEX and 12HEX.
The user is encouraged to send an e-mail to hardware.monitor.team@nsc.com to further request information
on our recommended setting of the offset register for different processor types.
8.1.4 Computing RPM of the Fan from the TACH Count
The Tach Count Registers 46HEX and 47HEX count the number of periods of the 90 kHz tachometer clock in
the LM64 for the tachometer input from the fan assuming a 2 pulse per revolution fan tachometer, such as the
fans supplied with the Pentium 4 boxed processors. The RPM of the fan can be computed from the Tach Count
Registers 46HEX and 47HEX. This can best be shown through an example.
Example:
Given: the fan used has a tachometer output with 2 per revolution.
Let:
Register 46 (LSB) is BFHEX = Decimal (11 x 16) + 15 = 191 and
Register 47 (MSB) is 7HEX = Decimal (7 x 256) = 1792.
The total Tach Count, in decimal, is 191 + 1792 = 1983.
The RPM is computed using the formula
,
)
_(
_
_
000
,
400
,
5
_
Decimal
Count
Tach
Total
f
RPM
Fan
u
=
(6)
where
f = 1 for 2 pulses/rev fan tachometer output;
f = 2 for 1 pulse/rev fan tachometer output, and
f = 2 / 3 for 3 pulses/rev fan tachometer output
For our example
RPM
RPM
Fan
_
2723
1983
000
,
400
,
5
1
_
=
u
=
(7)
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com